Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC123AFK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74VHC123AFK
Description  Dual Monostable Multivibrator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC123AFK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VHC123AFK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC123AFK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC123AFK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC123AFK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC123AFK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC123AFK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC123AFK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC123AFK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC123AFK_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TC74VHC123,221AF/AFT/AFK
2012-02-29
3
Block Diagram (Note 1) (Note 2)
Note 1: CX, RX, DX are external
Capacitor, resistor, and diode, respectively.
Note 2: External clamping diode, DX;
The external capacitor is charged to VCC level in the wait state, i.e. when no trigger is applied.
If the supply voltage is turned off, CX is discharges mainly through the internal (parasitic) diode. If CX is
sufficiently large and VCC drops rapidly, there will be some possibility of damaging the IC through in rush
current or latch-up. If the capacitance of the supply voltage filter is large enough and VCC drops slowly, the
in rush current is automatically limited and damage to the IC is avoided.
The maximum value of forward current through the parasitic diode is ±20 mA.
In the case of a large CX, the limit of fall time of the supply voltage is determined as follows:
tf ≥ (VCC − 0.7) CX/20 mA
(tf is the time between the supply voltage turn off and the supply voltage reaching 0.4 VCC.)
In the even a system does not satisfy the above condition, an external clamping diode (DX) is needed to
protect the IC from rush current.
CX
1
2
13
4
14
15
DX
VCC
RX
CX RX/CX
3
CLR
A
B
Q
Q
CX
9
10
5
12
67
DX
VCC
RX
CX RX/CX
11
CLR
A
B
Q
Q


Similar Part No. - TC74VHC123AFK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC123AFK TOSHIBA-TC74VHC123AFK Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
More results

Similar Description - TC74VHC123AFK_12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com