Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1196 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1196
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1196 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1196 Datasheet HTML 1Page - Texas Instruments ADS1196 Datasheet HTML 2Page - Texas Instruments ADS1196 Datasheet HTML 3Page - Texas Instruments ADS1196 Datasheet HTML 4Page - Texas Instruments ADS1196 Datasheet HTML 5Page - Texas Instruments ADS1196 Datasheet HTML 6Page - Texas Instruments ADS1196 Datasheet HTML 7Page - Texas Instruments ADS1196 Datasheet HTML 8Page - Texas Instruments ADS1196 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459I
– JANUARY 2010 – REVISED JANUARY 2012
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications apply for all commercial grade (0
°C to +70°C) devices and from –40°C to +85°C for
industrial grades devices. Typical specifications are at +25
°C. All specifications at DVDD = 1.8V, AVDD – AVSS = 3V
(1),
VREF = 2.4V, external fCLK = 2.048MHz, data rate = 500SPS, High-Resolution mode, and gain = 6, unless otherwise noted.
ADS1294, ADS1296, ADS1298
ADS1294R, ADS1296R, ADS1298R
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEAD-OFF DETECT
Frequency
See the Register Map section for settings
0, fDR/4
kHz
Current
See the Register Map section for settings
6, 12, 18, 24
nA
Current accuracy
±20
%
Comparator threshold accuracy
±30
mV
RESPIRATION (ADS1294R/6R/8R Only)
Internal source
32, 64
kHz
Frequency
External source
32
64
kHz
Phase shift
See the Register Map section for settings
22.5
90
157.5
Degrees
Impedance range
IRESP = 30μA
10
k
Ω
0.05Hz to 2Hz brick wall filter, 32kHz
modulation clock, phase = 112.5,
Impedance measurement noise
20
m
ΩPP
using IRESP = 30μA with 2kΩ baseline load,
gain = 4 test condition
internal reference, signal path = 82k
Ω,
Modulator current
29
µA
baseline = 2.21k
Ω
EXTERNAL REFERENCE
3V supply VREF = (VREFP – VREFN)
2.5
V
Reference input voltage
5V supply VREF = (VREFP – VREFN)
4.0
V
Negative input (VREFN)
AVSS
V
Positive input (VREFP)
AVSS + 2.5
V
Input impedance
10
k
INTERNAL REFERENCE
Register bit CONFIG3.VREF_4V = 0,
2.4
V
AVDD
≥ 2.7V
Output voltage
Register bit CONFIG3.VREF_4V = 1,
4.0
V
AVDD
≥ 4.4V
VREF accuracy
±0.2
%
TA = +25°C
35
ppm/
°C
Internal reference drift
Commerical grade, 0
°C to +70°C
35
ppm
Industrial grade,
–40°C to +85°C
45
ppm
Start-up time
150
ms
SYSTEM MONITORS
Analog supply reading error
2
%
Digital supply reading error
2
%
From power-up to DRDY low
150
ms
Device wake up
STANDBY mode
9
ms
Temperature sensor reading, voltage
TA = +25°C
145
mV
Temperature sensor reading, coefficient
490
μV/°C
Test Signal
Signal frequency
See Register Map section for settings
Hz
fCLK/2
21, f
CLK/2
20
Signal voltage
See Register Map section for settings
±1, ±2
mV
Accuracy
±2
%
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R


Similar Part No. - ADS1196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1196 TI-ADS1196 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1196 TI-ADS1196 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1196 TI-ADS1196 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1196 TI-ADS1196 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1196 TI1-ADS1196 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com