Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXB1575AQ Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXB1575AQ
Description  155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXB1575AQ Datasheet(HTML) 1 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
– 1 –
CXB1575AQ
E97Y13-PS
155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
Description
The CXB1575AQ achieves 3R optical-fiber communi-
cation receiver functions (Reshaping and Regenerating
and Retiming) on a single chip. This IC also equipped
with the signal interruption alarm output, which is
used to discriminate the existence of data input.
Features
• Auto-offset canceler circuit
• Signal interruption alarm output
• No reference clock required
• Single 3.3V power supply
Applications
• SONET/SDH: 155.52Mbps
• ATM:
155.52Mbps
Absolute Maximum Ratings
• Supply voltage
VCC – VEE
–0.3 to +5.0
V
• Storage temperature
Tstg
–65 to +150
°C
• Input voltage difference: | VD–VDN |
Vdif
0 to 2.5
V
• TTL input voltage
VinT
–0.5 to 5.5
V
• Output current (Continuous)
IO
0 to 50
mA
(Surge)
0 to 100
mA
Recommended Operating Conditions
• Supply voltage
VCC – VEE 3.069 to 3.465
V
• Termination voltage (for RCK/RDATA)
VCC – VT1
1.8 to 2.2
V
• Termination voltage (for SDE)
VT2
VEE
V
• Termination resistance (for RCK/RDATA) RT1
46 to 56
• Termination resistance (for SDE)
RT2
460 to 560
• Operating temperature
Ta
–40 to +85
°C
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
40 pin QFP (Plastic)
For the availability of this product, please contact the sales office.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn