Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXB1575AQ Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXB1575AQ
Description  155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXB1575AQ Datasheet(HTML) 6 Page - Sony Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
– 6 –
CXB1575AQ
Pin No. Symbol
Typical pin
voltage (V)
DC
AC
Equivalent circuit
Description
36
CKSEL
3.3
Clock selector (TTL).
When low, EXCK is active
instead of VCO output.
Normally, left open.
VCCG
VEEG
36
37
SQLCH
3.3
TTL input. When Low, RCK and
RDATA are fixed Low, in case of
data loss.
When high, RCK outputs VCO
free-run frequency, in case of
data loss.
VCCG
VEEG
37
38
SDC
0.2
to
3.1
Signal detect output (TTL).
Driven low, while input serial
data is lost.
VCCG
VEEG
38
39
SDE
1.6
to
2.4
40
SDEN
1.6
to
2.4
Signal detect outputs (ECL).
SDE is driven low, while input
serial data is lost.
VCCG
VEEG
39
40


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn