Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXB1575AQ Datasheet(PDF) 5 Page - Sony Corporation

Part No. CXB1575AQ
Description  155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXB1575AQ Datasheet(HTML) 5 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
– 5 –
CXB1575AQ
Pin No.
LPFA
3.1
25
26
LPFB
3.1
27
VEEP2
0
Connect an external loop filter
capacitor.
Typically 0.68µF (155.52Mbps).
Ground for PLL circuits.
28
NC
No connect
29, 30
VEEP1
0
31
REXT
0.4
Connect to VEEP1 through an
external resistor to determine
VCO frequency.
Typically 1.8k
Ω.
Ground for PLL circuits.
Both VEEP1 and VEEP2 must be
grounded.
Symbol
Typical pin
voltage (V)
DC
AC
Equivalent circuit
Description
VCCP
VEEP1
VEEP2
25
26
VCCP
VEEP2
Bias
Generator
31
32
LKDT
Lock detector (TTL).
Driven low, while synchronization
is lost.
0.2
to
3.1
VCCG
VEEG
32
35
EXCK
1.3
External clock input (ECL).
For testing only.
Normally, left open.
VCCG
VEEG
35


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn