Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXB1575AQ Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXB1575AQ
Description  155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXB1575AQ Datasheet(HTML) 4 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
– 4 –
CXB1575AQ
Pin No.
14
VEER3
0
15
HYS
0.2
Ground for signal detector.
Connect to VEER3 through an
external resistor to determine
signal detect hysteresis width
(
∆P).
When connect to VEER3 directly;
∆P ≈ 6dB (Typ.)
When connected 8.2k
Ω to VEER3;
∆P ≈ 3dB (Typ.)
Symbol
Typical pin
voltage (V)
DC
AC
Equivalent circuit
Description
VCCR
VEER3
Bias
Generator
15
16
DOWN
3
17
VCCR
3.3
18
D
19
DN
22
CAP1
2.2
23
CAP1B
2.2
Connect to VCCR through an
external resistor to decrease
signal detect level (SDL). When
open, SDL sets to 18mVp-p.
(single-ended)
Positive supply for signal
detector.
20
VEER2
0
Ground for post amplifier.
Serial data stream inputs.
Connect an external capacitor,
which determines low cut-off
frequency for DC feedback loop.
Typically 0.22µF.
VCCR
VEER3
16
VCCR
VEER2
VEER1
18
19
22
23
21
VEER1
0
24
VCCP
3.3
Positive supply for PLL circuits.
Ground for post amplifier.
Both VEER1 and VEER2 must be
grounded.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn