Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXB1575AQ Datasheet(PDF) 3 Page - Sony Corporation

Part No. CXB1575AQ
Description  155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXB1575AQ Datasheet(HTML) 3 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
– 3 –
CXB1575AQ
Pin Description
Pin No.
1
VCCE1
3.3
11
NC
No connect
7
VEEE2
0
Ground for RCK/RCKN outputs
circuits.
4
VEEE1
0
Ground for RDATA/RDATAN
output circuits.
10
VCCE2
3.3
Positive supply for RCK/RCKN
output circuits.
5, 33
VEEG
0
Ground for digital circuits.
6, 34
VCCG
3.3
Positive supply for digital circuits.
Positive supply for
RDATA/RDATAN output circuits.
2
RDATAN
1.6
to
2.4
3
RDATA
1.6
to
2.4
Retimed data outputs.
Symbol
Typical pin
voltage (V)
DC
AC
Equivalent circuit
Description
VCCE1
VEEE1
2
3
8
RCKN
1.6
to
2.4
9
RCK
1.6
to
2.4
Recovered clock outputs.
VCCE2
VEEE2
8
9
12
13
CAP3
2
CAP2
2
Connect a peak hold capacitor
for signal detector.
Typically 470pF.
VCCR
VEER
10p
5µA
5µA
12
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn