Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1575AQ Datasheet(PDF) 2 Page - Sony Corporation

Part # CXB1575AQ
Description  155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1575AQ Datasheet(HTML) 2 Page - Sony Corporation

  CXB1575AQ Datasheet HTML 1Page - Sony Corporation CXB1575AQ Datasheet HTML 2Page - Sony Corporation CXB1575AQ Datasheet HTML 3Page - Sony Corporation CXB1575AQ Datasheet HTML 4Page - Sony Corporation CXB1575AQ Datasheet HTML 5Page - Sony Corporation CXB1575AQ Datasheet HTML 6Page - Sony Corporation CXB1575AQ Datasheet HTML 7Page - Sony Corporation CXB1575AQ Datasheet HTML 8Page - Sony Corporation CXB1575AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
– 2 –
CXB1575AQ
Block Diagram and Pad Configuration
VEER2
DN
D
VCCR
DOWN
HYS
VEER3
CAP2
CAP3
NC
REXT
LKDT
VEEG
VCCG
EXCK
CKSEL
SQLCH
SDC
SDE
SDEN
charge
pump
VCO
peak
hold
peak
hold
phase/
frequency
detector
Reset
D
CK
Mux.
1
0
D-FF
Up
Down
40
39
38
37
36
34
32
33
21
22
23
24
25
26
27
28
29
30
2
4
5
6
7
8
9
10
1
35
3
16
17
18
19
20
11
12
13
14
15
31


Similar Part No. - CXB1575AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1577Q SONY-CXB1577Q Datasheet
339Kb / 22P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
More results

Similar Description - CXB1575AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1565R SONY-CXB1565R Datasheet
288Kb / 16P
   622Mbps Clock & Data Recovery with High Sensitivity Limitting Amplifier
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3991 MAXIM-MAX3991 Datasheet
261Kb / 12P
   10Gbps Clock and Data Recovery with Limiting Amplifier
Rev 0; 11/04
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
logo
Micrel Semiconductor
SY69753AL MICREL-SY69753AL_07 Datasheet
491Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_06 Datasheet
443Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_07 Datasheet
489Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753AL MICREL-SY69753AL Datasheet
499Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com