Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSM5240PFH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSM5240PFH
Description  40 V, 2 A PNP low VCEsat (BISS) transistor with N-channel Trench MOSFET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSM5240PFH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBSM5240PFH Datasheet HTML 3Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 4Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 5Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 6Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 7Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 8Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 9Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 10Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PBSM5240PFH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 20 June 2012
7 of 20
NXP Semiconductors
PBSM5240PFH
40 V, 2 A PNP BISS/Trench MOSFET module
FR4 PCB, single-sided copper, mounting pad for collector 1 cm2
Fig 6.
PNP transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
FR4 PCB, single-sided copper, mounting pad for collector 6 cm2
Fig 7.
PNP transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
006aac611
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75
006aac612
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75


Similar Part No. - PBSM5240PFH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSM5240PFH NEXPERIA-PBSM5240PFH Datasheet
1Mb / 20P
   40 V, 2 A PNP low VCEsat (BISS) transistor with N-channel Trench MOSFET
Rev. 1 - 20 June 2012
More results

Similar Description - PBSM5240PFH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSM5240PF NEXPERIA-PBSM5240PF Datasheet
1Mb / 20P
   40 V, 2 A PNP low VCEsat (BISS) transistor with N-channel Trench MOSFET
PBSM5240PFH NEXPERIA-PBSM5240PFH Datasheet
1Mb / 20P
   40 V, 2 A PNP low VCEsat (BISS) transistor with N-channel Trench MOSFET
Rev. 1 - 20 June 2012
logo
NXP Semiconductors
PBSS5240Z PHILIPS-PBSS5240Z_15 Datasheet
233Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
15 October 2014
logo
Nexperia B.V. All right...
PBSS5240Z NEXPERIA-PBSS5240Z Datasheet
717Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5240T PHILIPS-PBSS5240T Datasheet
76Kb / 9P
   40 V, 2 A PNP low VCEsat (BISS) transistor
2004 Jan 15
PBSS5240X PHILIPS-PBSS5240X_15 Datasheet
204Kb / 12P
   40 V, 2 A PNP low VCEsat (BISS) transistor
19 October 2012
PBSS5240T PHILIPS-PBSS5240T_15 Datasheet
305Kb / 9P
   PNP low VCEsat (BISS) transistor 40 V, 2 A
2004 Jan 15
logo
Nexperia B.V. All right...
PBSS5240X NEXPERIA-PBSS5240X Datasheet
687Kb / 12P
   40 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com