Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSM5240PFH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBSM5240PFH
Description  40 V, 2 A PNP low VCEsat (BISS) transistor with N-channel Trench MOSFET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSM5240PFH Datasheet(HTML) 2 Page - NXP Semiconductors

  PBSM5240PFH Datasheet HTML 1Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 2Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 3Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 4Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 5Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 6Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 7Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 8Page - NXP Semiconductors PBSM5240PFH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PBSM5240PFH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 20 June 2012
2 of 20
NXP Semiconductors
PBSM5240PFH
40 V, 2 A PNP BISS/Trench MOSFET module
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[2]
Pulse test: tp  300 s;  0.02.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.
[4]
Pulse test: tp  300 s;  0.01.
[5]
Pulse test: tp  20 ms;  0.10.
2.
Pinning information
3.
Ordering information
4.
Marking
N-channel Trench MOSFET
VDS
drain-source voltage
Tamb =25 C
--30
V
VGS
gate-source voltage
Tamb =25 C-
-
8V
ID
drain current
Tamb =25 C;
VGS =10V
[3] --0.66
A
RDSon
drain-source on-state
resistance
Tj =25 C; VGS =4.5 V;
ID =0.2 A
[4] -
370
580
m
Table 1.
Quick reference data …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1emitter
2base
3drain
4source
5gate
6
collector
7
collector
8drain
Transparent top view
6
78
54
123
017aaa079
6, 7
5
4
1
2
3, 8
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PBSM5240PFH DFN2020-6
plastic thermal enhanced ultra thin small outline
package; no leads; 6 terminals; body 2
 2  0.65 mm
SOT1118
Table 4.
Marking code
Type number
Marking code
PBSM5240PFH
1T


Similar Part No. - PBSM5240PFH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSM5240PFH NEXPERIA-PBSM5240PFH Datasheet
1Mb / 20P
   40 V, 2 A PNP low VCEsat (BISS) transistor with N-channel Trench MOSFET
Rev. 1 - 20 June 2012
More results

Similar Description - PBSM5240PFH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSM5240PF NEXPERIA-PBSM5240PF Datasheet
1Mb / 20P
   40 V, 2 A PNP low VCEsat (BISS) transistor with N-channel Trench MOSFET
PBSM5240PFH NEXPERIA-PBSM5240PFH Datasheet
1Mb / 20P
   40 V, 2 A PNP low VCEsat (BISS) transistor with N-channel Trench MOSFET
Rev. 1 - 20 June 2012
logo
NXP Semiconductors
PBSS5240Z PHILIPS-PBSS5240Z_15 Datasheet
233Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
15 October 2014
logo
Nexperia B.V. All right...
PBSS5240Z NEXPERIA-PBSS5240Z Datasheet
717Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5240T PHILIPS-PBSS5240T Datasheet
76Kb / 9P
   40 V, 2 A PNP low VCEsat (BISS) transistor
2004 Jan 15
PBSS5240X PHILIPS-PBSS5240X_15 Datasheet
204Kb / 12P
   40 V, 2 A PNP low VCEsat (BISS) transistor
19 October 2012
PBSS5240T PHILIPS-PBSS5240T_15 Datasheet
305Kb / 9P
   PNP low VCEsat (BISS) transistor 40 V, 2 A
2004 Jan 15
logo
Nexperia B.V. All right...
PBSS5240X NEXPERIA-PBSS5240X Datasheet
687Kb / 12P
   40 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com