Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA335AIDBVR Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA335AIDBVR
Description  0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA335AIDBVR Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA335AIDBVR Datasheet HTML 1Page - Burr-Brown (TI) OPA335AIDBVR Datasheet HTML 2Page - Burr-Brown (TI) OPA335AIDBVR Datasheet HTML 3Page - Burr-Brown (TI) OPA335AIDBVR Datasheet HTML 4Page - Burr-Brown (TI) OPA335AIDBVR Datasheet HTML 5Page - Burr-Brown (TI) OPA335AIDBVR Datasheet HTML 6Page - Burr-Brown (TI) OPA335AIDBVR Datasheet HTML 7Page - Burr-Brown (TI) OPA335AIDBVR Datasheet HTML 8Page - Burr-Brown (TI) OPA335AIDBVR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
APPLICATIONS
q TRANSDUCER APPLICATIONS
q TEMPERATURE MEASUREMENT
q ELECTRONIC SCALES
q MEDICAL INSTRUMENTATION
q BATTERY-POWERED INSTRUMENTS
q HANDHELD TEST EQUIPMENT
0.05
µV/°C max, SINGLE-SUPPLY
CMOS OPERATIONAL AMPLIFIERS
Zerø-Drift Series
FEATURES
q LOW OFFSET VOLTAGE: 5
µV (max)
q ZERO DRIFT: 0.05
µV/°C (max)
q QUIESCENT CURRENT: 285
µA
q SINGLE-SUPPLY OPERATION
q SINGLE AND DUAL VERSIONS
q SHUTDOWN
q MicroSIZE PACKAGES
DESCRIPTION
The OPA334 and OPA335 series of CMOS operational
amplifiers use auto-zeroing techniques to simultaneously
provide very low offset voltage (5
µV max), and near-zero drift
over time and temperature. These miniature, high-precision,
low quiescent current amplifiers offer high input impedance
and rail-to-rail output swing. Single or dual supplies as low as
+2.7V (
±1.35V) and up to +5.5V (±2.75V) may be used.
These op amps are optimized for low-voltage, single-supply
operation.
The OPA334 family includes a shutdown mode. Under logic
control, the amplifiers can be switched from normal operation
to a standby current of 2
µA. When the Enable pin is con-
nected high, the amplifier is active. Connecting Enable low
disables the amplifier, and places the output in a high-
impedance state.
The OPA334 (single version with shutdown) comes in
MicroSIZE SOT23-6. The OPA335 (single version without
shutdown) is available in SOT23-5, and SO-8. The OPA2334
(dual version with shutdown) comes in
MicroSIZE MSOP-10.
The OPA2335 (dual version without shutdown) is offered in
the MSOP-8 and SO-8 packages. All versions are specified
for operation from –40
°C to +125°C.
OPA334
OPA2334
OPA335
OPA2335
SBOS245D – JUNE 2002 – REVISED JULY 2003
Copyright © 2002-2003, Texas Instruments Incorporated
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
Absolute Value;
Centered Around Zero
OPA2
334
OPA3
35
OPA2
335
OPA2
335
www.ti.com
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA335AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA335AIDBVR BURR-BROWN-OPA335AIDBVR Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA335AIDBVR TI1-OPA335AIDBVR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
National Semiconductor ...
OPA335AIDBVR NSC-OPA335AIDBVR Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Texas Instruments
OPA335AIDBVRG4 TI1-OPA335AIDBVRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
National Semiconductor ...
OPA335AIDBVRG4 NSC-OPA335AIDBVRG4 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA335AIDBVR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Burr-Brown (TI)
OPA335 BURR-BROWN-OPA335 Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2335M BURR-BROWN-OPA2335M Datasheet
263Kb / 16P
   0.05 mV/째C MAX, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA734 BURR-BROWN-OPA734_07 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
[Old version datasheet]   50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com