Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LVX08FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LVX08FT
Description  Quad 2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX08FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LVX08FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX08FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX08FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX08FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX08FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX08FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX08FT_12 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74LVX08F/FT
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX08F,TC74LVX08FT
Quad 2-Input AND Gate
The TC74LVX08F/ FT is a high-speed CMOS 2-input AND gate
fabricated with silicon gate CMOS technology. Designed for use
in 3-V systems, it achieves high-speed operation while
maintaining the CMOS low power dissipation.
This device is suitable for low-voltage and battery operated
systems.
The internal circuit is composed of 4 stages including buffer
output, which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 5.5V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5V to 3V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High-speed: tpd = 4.8 ns (typ.) (VCC = 3.3 V)
• Low power dissipation: ICC = 2 μA (max) (Ta = 25°C)
• Input voltage level: VIL = 0.8 V (max) (VCC = 3 V)
VIH = 2.0 V (min) (VCC = 3 V)
• Power-down protection is provided on all inputs
• Balanced propagation delays: tpLH ∼− tpHL
• Low noise: VOLP = 0.5 V (max)
• Pin and function compatible with 74HC08
TC74LVX08F
TC74LVX08FT
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74LVX08FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX08FT TOSHIBA-TC74LVX08FT Datasheet
235Kb / 7P
   QUAD 2-INPUT AND GATE
TC74LVX08FT TOSHIBA-TC74LVX08FT Datasheet
233Kb / 8P
   Quad 2-Input AND Gate
More results

Similar Description - TC74LVX08FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com