Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LVX02FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LVX02FT
Description  Quad 2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX02FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LVX02FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX02FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX02FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX02FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX02FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX02FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX02FT_12 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74LVX02F/FT
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX02F,TC74LVX02FT
Quad 2-Input NOR Gate
The TC74LVX02F/FT is a high-speed CMOS 2-input NOR gate
fabricated with silicon gate CMOS technology. Designed for use
in 3-V systems, it achieves high-speed operation while
maintaining the CMOS low power dissipation.
This device is suitable for low-voltage and battery operated
systems.
The internal circuit is composed of 3 stages including buffer
output, which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 5.5V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5V to 3V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High-speed: tpd = 4.5 ns (typ.) (VCC = 3.3 V)
• Low-power dissipation: ICC = 2 μA (max) (Ta = 25°C)
• Input voltage level: VIL = 0.8 V (max) (VCC = 3 V)
VIH = 2.0 V (min) (VCC = 3 V)
• Power-down protection provided on all inputs
• Balanced propagation delays: tpLH ∼− tpHL
• Low noise: VOLP = 0.5 V (max)
• Pin and function compatible with 74HC02
TC74LVX02F
TC74LVX02FT
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74LVX02FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX02FT TOSHIBA-TC74LVX02FT Datasheet
236Kb / 7P
   QUAD 2-INPUT NOR GATE
TC74LVX02FT TOSHIBA-TC74LVX02FT Datasheet
233Kb / 8P
   Quad 2-Input NOR Gate
More results

Similar Description - TC74LVX02FT_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com