Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1563Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXB1563Q
Description  2R IC for Optical Fiber Communication Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1563Q Datasheet(HTML) 5 Page - Sony Corporation

  CXB1563Q Datasheet HTML 1Page - Sony Corporation CXB1563Q Datasheet HTML 2Page - Sony Corporation CXB1563Q Datasheet HTML 3Page - Sony Corporation CXB1563Q Datasheet HTML 4Page - Sony Corporation CXB1563Q Datasheet HTML 5Page - Sony Corporation CXB1563Q Datasheet HTML 6Page - Sony Corporation CXB1563Q Datasheet HTML 7Page - Sony Corporation CXB1563Q Datasheet HTML 8Page - Sony Corporation CXB1563Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
– 5 –
CXB1563Q
DC
AC
28
CAP3
–1.8V
29
CAP2
–1.8V
Connects a peak hold circuit
capacitor for alarm block. 470pF
should be connected to VccA
each.
CAP2 pin
→ Peak hold
capacitor connection for
alarm level setting block.
CAP3 pin
→ Peak hold
capacitor connection for
limiting amplifier signal.
VCCA
VEEA
80
5µA
5µA
80
29
28
30
DOWN
–0.84V
(for
VEEI
= –5V)
31
UP
–0.8V
(for
VEEI
= –5V)
32
VccA
0V
Positive power supply for analog
block.
Connects a resistor for alarm
level setting.
Default voltage can be
generated without an external
resistor by shorting the VEEI pin
to VEEA.
31
30
VccA
VEEA
SW
993
110.3
110.3
Vcs
3
Pin No. Symbol
Typical pin
voltage (V)
Equivalent circuit
Description


Similar Part No. - CXB1563Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1561Q-Y SONY-CXB1561Q-Y Datasheet
564Kb / 23P
   s3R-IC for Optical Fiber Cimmunication Receiver
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1565R SONY-CXB1565R Datasheet
288Kb / 16P
   622Mbps Clock & Data Recovery with High Sensitivity Limitting Amplifier
CXB1567Q SONY-CXB1567Q Datasheet
439Kb / 16P
   Limiting Amplifier for Optical Fiber Communication Receiver
More results

Similar Description - CXB1563Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1577Q SONY-CXB1577Q Datasheet
339Kb / 22P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1567Q SONY-CXB1567Q Datasheet
439Kb / 16P
   Limiting Amplifier for Optical Fiber Communication Receiver
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
CXB1561Q-Y SONY-CXB1561Q-Y Datasheet
564Kb / 23P
   s3R-IC for Optical Fiber Cimmunication Receiver
logo
Roithner LaserTechnik G...
LDS-1310-005-FW ROITHNER-LDS-1310-005-FW Datasheet
216Kb / 3P
   Optical Fiber Communication Free-space Optical Communication
logo
Hitachi Semiconductor
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
   Optical Communication Receiver/Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com