Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCX573F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74LCX573F
Description  Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX573F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74LCX573F_10 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX573F_10 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX573F_10 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX573F_10 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX573F_10 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX573F_10 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX573F_10 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX573F_10 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX573F_10 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC74LCX573F/FT/FK
2010-01-31
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
OE
LE
D
Outputs
H
X
X
Z
L
L
X
Qn
L
H
L
L
L
H
H
H
X: Don’t care
Z: High impedance
Qn: Q outputs are latched at the time when the LE input is taken to a low logic level.
System Diagram
LE
OE
Q1
1
11
2
19
Q2
3
18
Q3
4
17
Q4
5
16
Q5
6
15
Q6
7
14
Q7
8
13
L Q
D
L Q
D
L Q
D
L Q
D
L Q
D
L Q
D
L Q
D
D1
D2
D3
D4
D5
D6
D7
9
12
L Q
D
Q0
D0
VCC
20
Q0
Q1
Q2
19
18
17
16
15
14
OE
1
2
3
4
5
6
7
D2
D3
D4
D5
D6
D7
Q3
8
9
10
Q6
Q7
GND
13
12
11
Q4
Q5
LE
D0
D1
(1)
(11)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(19)
(18)
(17)
(16)
(15)
(14)
(13)
(12)
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
EN
1D
C1
OE
LE
D0
D1
D2
D3
D4
D5
D6
D7


Similar Part No. - TC74LCX573F_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX573FK TOSHIBA-TC74LCX573FK Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573FT TOSHIBA-TC74LCX573FT Datasheet
306Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX573FT TOSHIBA-TC74LCX573FT Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573FW TOSHIBA-TC74LCX573FW Datasheet
306Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX573F TOSHIBA-TC74LCX573F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX573F_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ573FK TOSHIBA-TC7MZ573FK_07 Datasheet
192Kb / 8P
   Low Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
TC7MZ373FK TOSHIBA-TC7MZ373FK_07 Datasheet
192Kb / 8P
   Low-Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com