Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1561Q-Y Datasheet(PDF) 3 Page - Sony Corporation

Part # CXB1561Q-Y
Description  s3R-IC for Optical Fiber Cimmunication Receiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1561Q-Y Datasheet(HTML) 3 Page - Sony Corporation

  CXB1561Q-Y Datasheet HTML 1Page - Sony Corporation CXB1561Q-Y Datasheet HTML 2Page - Sony Corporation CXB1561Q-Y Datasheet HTML 3Page - Sony Corporation CXB1561Q-Y Datasheet HTML 4Page - Sony Corporation CXB1561Q-Y Datasheet HTML 5Page - Sony Corporation CXB1561Q-Y Datasheet HTML 6Page - Sony Corporation CXB1561Q-Y Datasheet HTML 7Page - Sony Corporation CXB1561Q-Y Datasheet HTML 8Page - Sony Corporation CXB1561Q-Y Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
– 3 –
CXB1561Q-Y
Pin Description
Pin
No.
Symbol
1
VccD
0V
Positive power supply
pin for digital block.
Equivalent circuit
Description
Typical pin voltage
DC
AC
2VEED
–5V
Negative power supply
pin for digital block.
4
DOWN
–1.3V
Resistor connection pins
for alarm level setting.
UP pin: When the
resistance connection to
this pin is increased, the
alarm level becomes
higher.
DOWN pin: When the
resistance connected to
this pin is increased, the
alarm level becomes
lower.
3
UP
–1.3V
1k
100
100
200
200
VEEA
VCCA
0.8mA 0.8mA
3
4
6
CAP3
–1.8V
Capacitance connection
pins for alarm block peak
hold circuit.
(Each pin incorporates a
capacitance of
approximately 10pF.)
CAP2 pin: Peak hold
capacitance connection
pin for the post-amplifier
signal output.
CAP3 pin: Peak hold
capacitance connection
pin for the alarm level
setting block.
5
CAP2
–1.8V
VCCA
VEEA
80
5µA
20µA
5µA
80
5
6
7VEE
–5V
Negative power supply pin.
9SD
Alarm output pins.
Terminate these pins in
510
Ω at VEE.
8SD
–0.9V
to
–1.7V
–0.9V
to
–1.7V
VEED
VCCD
8
9
11
VCCDB
0V
Positive power supply pin
for differential circuit.
10
VEEDB
–5V
Negative power supply
pin for differential circuit.


Similar Part No. - CXB1561Q-Y

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1563Q SONY-CXB1563Q Datasheet
296Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1565R SONY-CXB1565R Datasheet
288Kb / 16P
   622Mbps Clock & Data Recovery with High Sensitivity Limitting Amplifier
CXB1567Q SONY-CXB1567Q Datasheet
439Kb / 16P
   Limiting Amplifier for Optical Fiber Communication Receiver
More results

Similar Description - CXB1561Q-Y

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1563Q SONY-CXB1563Q Datasheet
296Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1577Q SONY-CXB1577Q Datasheet
339Kb / 22P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1567Q SONY-CXB1567Q Datasheet
439Kb / 16P
   Limiting Amplifier for Optical Fiber Communication Receiver
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
logo
Silicon Touch Technolog...
42-DL211 SITI-42-DL211 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
42-DL312 SITI-42-DL312 Datasheet
457Kb / 6P
   Optical Fiber Receiving IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com