Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC74LCX126F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TC74LCX126F
Description  Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX126F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74LCX126F_10 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC74LCX126F/FT/FK
2010-01-31
6
AC Test Circuit
Open
6.0 V or VCC×2
GND
Output
Measure
Switch
Parameter
Switch
tpLH, tpHL
Open
6.0 V @VCC=3.3±0.3V
@ VCC=2.7V
tpLZ, tpZL
VCC×2 @ VCC=2.5±0.2V
@ VCC=1.8±0.15V
tpHZ, tpZH
GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn