Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC74LCX126F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC74LCX126F
Description  Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX126F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74LCX126F_10 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC74LCX126F/FT/FK
2010-01-31
4
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.65 to 2.3
VCC×0.9
2.3 to 2.7
1.7
H-level
VIH
2.7 to 3.6
2.0
1.65 to 2.3
VCC×0.1
2.3 to 2.7
0.7
Input voltage
L-level
VIL
2.7 to 3.6
0.8
V
IOH = −100 μA 1.65 to 3.6
VCC−0.2
IOH = −4 mA
1.65
1.05
IOH = −8 mA
2.3
1.7
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
H-level
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
IOL = 100 μA
1.65 to 3.6
0.2
IOL = 4 mA
1.65
0.45
IOL = 8 mA
2.3
0.7
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
0.55
V
Input leakage current
IIN
VIN = 0 to 5.5 V
1.65 to 3.6
±5.0
μA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = 0 to 5.5 V
1.65 to 3.6
±5.0
μA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
10.0
μA
VIN = VCC or GND
1.65 to 3.6
10.0
Quiescent supply current
ICC
VIN/VOUT = 3.6 to 5.5 V
1.65 to 3.6
±10.0
Increase in Icc per input
ΔICC
VIH = VCC − 0.6 V
2.7 to 3.6
500
μA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn