Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCX125FK Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74LCX125FK
Description  Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX125FK Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74LCX125FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX125FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX125FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX125FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX125FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX125FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX125FK_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX125FK_12 Datasheet HTML 10Page - Toshiba Semiconductor TC74LCX125FK_12 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74LCX125F/FT/FK
2012-02-29
7
AC Waveform
VCC
Symbol
3.3
± 0.3 V
2.7V
2.5
± 0.2 V
1.8
± 0.15 V
VIH
2.7V
VCC
VCC
VIM
1.5V
VCC/2
VCC/2
Input
tr,tf
2.5ns
2.0ns
2.0ns
VOM
1.5V
VOH/2
VOH/2
VX
VOL +0.3V
VOL +0.15V
VOL +0.15V
Output
VY
VOH -0.3V
VOH -0.15V
VOH -0.15V
CL
50pF
30pF
30pF
Load
RL
500Ω
500Ω
1kΩ
Figure 3 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
VOH
GND
VIH
VOM
tpHZ
tpZH
tr
tf
VIM
GND
VOH
Outputs
enabled
VOM
tpLZ
tpZL
VX
VY
Outputs
disabled
Outputs
enabled
Output Enable
( OE )
Output (Y)
Low to Off to Low
Output (Y)
High to Off to High
90%
10%
Output
(Y)
Input
(A)
VOL
VOH
GND
VIH
VOM
tpLH
tpHL
tr
tf
VIM
Figure 2 tpLH, tpHL


Similar Part No. - TC74LCX125FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX125FK TOSHIBA-TC74LCX125FK Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX125FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX126F TOSHIBA-TC74LCX126F_10 Datasheet
233Kb / 11P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX125F TOSHIBA-TC74LCX125F_07 Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX126F TOSHIBA-TC74LCX126F Datasheet
239Kb / 9P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74VCX125FT TOSHIBA-TC74VCX125FT_07 Datasheet
262Kb / 12P
   Low-Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX2125FT TOSHIBA-TC74VCX2125FT Datasheet
244Kb / 10P
   Low Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC7MZ541FK TOSHIBA-TC7MZ541FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCXZ244FT TOSHIBA-TC74LCXZ244FT Datasheet
228Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_11 Datasheet
237Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ244FK TOSHIBA-TC7MZ244FK_07 Datasheet
184Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com