Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1558Q-Y Datasheet(PDF) 1 Page - Sony Corporation

Part # CXB1558Q-Y
Description  Laser Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1558Q-Y Datasheet(HTML) 1 Page - Sony Corporation

  CXB1558Q-Y Datasheet HTML 1Page - Sony Corporation CXB1558Q-Y Datasheet HTML 2Page - Sony Corporation CXB1558Q-Y Datasheet HTML 3Page - Sony Corporation CXB1558Q-Y Datasheet HTML 4Page - Sony Corporation CXB1558Q-Y Datasheet HTML 5Page - Sony Corporation CXB1558Q-Y Datasheet HTML 6Page - Sony Corporation CXB1558Q-Y Datasheet HTML 7Page - Sony Corporation CXB1558Q-Y Datasheet HTML 8Page - Sony Corporation CXB1558Q-Y Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
– 1 –
CXB1558Q-Y
32 pin QFP (Ceramic)
E94720-PK
Laser Driver
Description
The CXB1558Q-Y is a high-speed monolithic
Laser Driver/Current Switch with ECL input level.
Open collector outputs are provided at the output
pins (Q, Q) and have the capability of driving
modulation current of 60mApp at a max. data rate of
2.0Gbps (NRZ). DRIVADJ and SDRIV inputs control
the modulation current amplitude, and BIASADJ,
SBIAS inputs control the bias current. Modulation
and bias current can be controlled by either voltage
or current through these pins. This device includes
D-FF for duty cycle correction and Laser Shutdown
function.
Features
• Maximum data rate (NRZ): 2.0Gbps (Typ.)
• Differential Data input: ECL
• D-FF for Duty Cycle Correction
• Laser Shutdown Input: TTL
Applications
• SONET/SDH: 155,622Mb/s,1.2Gb/s
• Fiber channel: 133,266,532Mb/s,1.062Gb/s
• FDDI: 125Mb/s ESCON: 200Mb/s HDTV: 1.5Gb/s
Absolute Maximum Ratings
• Supply voltage
Vcc – VEE
–0.3 to +7.0
V
• Input voltage
VIN
VEE to +0.5
V
• Differential input voltage
|VIN – VIN|
0 to 2.5
V
• Differential clock voltage
|VCLK – VCLK|
0 to 2.5
V
• Output current (Continuous)
IQ, IBIAS
0 to 80
mA
Input current (Continuous)
IDRVADJ
0 to 8
mA
IBIASADJ
0 to 8
mA
• Storage temperature
Tstg
–65 to +150
°C
Recommended Operating Conditions
• DC power supply voltage
Vcc – VEE
4.75 to 5.46
V
• Operating case temperature
Tc
0 to +85
°C
Structure
Bipolar silicon monolithic IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.


Similar Part No. - CXB1558Q-Y

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1507-0000-000F0BH440E CREE-CXB1507-0000-000F0BH440E Datasheet
2Mb / 19P
   XLamp LED
CXB1507-0000-000F0BH450E CREE-CXB1507-0000-000F0BH450E Datasheet
2Mb / 19P
   XLamp LED
CXB1507-0000-000F0BH457E CREE-CXB1507-0000-000F0BH457E Datasheet
2Mb / 19P
   XLamp LED
CXB1507-0000-000F0BH465E CREE-CXB1507-0000-000F0BH465E Datasheet
2Mb / 19P
   XLamp LED
More results

Similar Description - CXB1558Q-Y

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2610AN SONY-CXA2610AN Datasheet
119Kb / 10P
   Laser Driver
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
   Laser Driver
CXB1548Q-Y SONY-CXB1548Q-Y Datasheet
288Kb / 12P
   Laser Driver
logo
Agere Systems
LG1625AXF AGERE-LG1625AXF Datasheet
363Kb / 12P
   LG1625AXF Laser Driver
logo
Intersil Corporation
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
Intersil Corporation
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com