Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGWHT-H1-0000-00DE5 Datasheet(PDF) 2 Page - Cree, Inc

Part # XPGWHT-H1-0000-00DE5
Description  Cree짰 XLamp짰 XP Family LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGWHT-H1-0000-00DE5 Datasheet(HTML) 2 Page - Cree, Inc

  XPGWHT-H1-0000-00DE5 Datasheet HTML 1Page - Cree, Inc XPGWHT-H1-0000-00DE5 Datasheet HTML 2Page - Cree, Inc XPGWHT-H1-0000-00DE5 Datasheet HTML 3Page - Cree, Inc XPGWHT-H1-0000-00DE5 Datasheet HTML 4Page - Cree, Inc XPGWHT-H1-0000-00DE5 Datasheet HTML 5Page - Cree, Inc XPGWHT-H1-0000-00DE5 Datasheet HTML 6Page - Cree, Inc XPGWHT-H1-0000-00DE5 Datasheet HTML 7Page - Cree, Inc XPGWHT-H1-0000-00DE5 Datasheet HTML 8Page - Cree, Inc XPGWHT-H1-0000-00DE5 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
xlamp xp led binning & labeling
2
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
inTroDuCTion
This document describes the product nomenclature required to select and order Cree’s XLamp XP Family LEDs. XLamp
XP Family LEDs are tested and sorted into bins which are then combined into orderable kits identified by an order code.
all Xlamp leDs are tested and sorted by color and brightness into a unique bin. each bin contains leDs from only one
color and brightness group and is uniquely identified by a bin code. White XLamp LEDs are sorted by chromaticity (color)
and luminous flux (brightness). High-Efficiency White XLamp LEDs are additionally binned into forward voltage bins.
Color XLamp LEDs are sorted by dominant wavelength (color) and luminous or radiant flux (brightness). Amber, red-
orange and red leDs are additionally binned into forward voltage bins. leDs are shipped on reels containing leDs from
one bin and are always labeled with the appropriate bin code.
Kits contain LEDs from a number of similar bins and are fully defined by their order codes. A full explanation of the order
codes for XLamp XP Family LEDs, as well as a list of standard order codes, is provided in this document.
bin anD orDer-CoDe FormaT
Bin codes and order codes are configured in the following manner:
bin Code
order Code
SSSCCC-BD-HHHH-NNNNN
Series
XPC = XP-C
XPE = XP-E
XPG = XP-G
Internal code
Kit Number
Color
WHT = White
HEW = High Efficiency White
BWT = Gen 2 White
ROY = Royal Blue
BLU = Blue
GRN = Green
AMB = Amber
RDO = Red-Orange
RED = Red
Color specification
01 = Outdoor White
L1 = Standard CRI
H1 = 80 CRI Minimum
P1 = 85 CRI Minimum
U1 = 90 CRI Minimum
SSSCCC-BD-WWW-FF-G-AA
Chromaticity bin or
dominant-wavelength group
Luminous or radiant flux group
Internal code
Forward voltage group
(amber, red-orange, red, high-efficiency white)
Color
WHT = White
HEW = High Efficiency White
BWT = Gen 2 White
ROY = Royal Blue
BLU = Blue
GRN = Green
AMB = Amber
RDO = Red-Orange
RED = Red
Series
XPC = XP-C
XPE = XP-E
XPG = XP-G
Color specification
01 = Outdoor White
L1 = Standard CRI
H1 = 80 CRI Minimum
P1 = 85 CRI Minimum
U1 = 90 CRI Minimum


Similar Part No. - XPGWHT-H1-0000-00DE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGWHT-H1-0000-00DE5 CREE-XPGWHT-H1-0000-00DE5 Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
More results

Similar Description - XPGWHT-H1-0000-00DE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com