Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1454R Datasheet(PDF) 2 Page - Sony Corporation

Part # CXB1454R
Description  VGA/SVGA/XGA 24bit Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1454R Datasheet(HTML) 2 Page - Sony Corporation

  CXB1454R Datasheet HTML 1Page - Sony Corporation CXB1454R Datasheet HTML 2Page - Sony Corporation CXB1454R Datasheet HTML 3Page - Sony Corporation CXB1454R Datasheet HTML 4Page - Sony Corporation CXB1454R Datasheet HTML 5Page - Sony Corporation CXB1454R Datasheet HTML 6Page - Sony Corporation CXB1454R Datasheet HTML 7Page - Sony Corporation CXB1454R Datasheet HTML 8Page - Sony Corporation CXB1454R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
– 2 –
CXB1454R
Pin List
Tab. 1. Power/Ground
Pin Name
VCCT
VEET
VCCG
VEEG
VCCA
VEEA
VEES
8, 16, 28, 53, 64
1, 9, 17, 29, 52
20, 26, 55, 61
21, 27, 54, 60
44
45
46
TTL power surpply, should be connected to 3.3V ± 5%
TTL ground, connected to 0V
Logical core power surpply, connected to 3.3V ± 5%
Logical core ground, connected to 0V
Analog power surpply, connected to 3.3V ± 5%
Analog ground, connected to 0V
Analog substrate, connected to 0V
Pin Number
Descriptions


Similar Part No. - CXB1454R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1451Q SONY-CXB1451Q Datasheet
278Kb / 13P
   VGA/SVGA/XGA digital data serial transmitter
CXB1452Q SONY-CXB1452Q Datasheet
273Kb / 13P
   VGA/SVGA/XGA digital data serial receiver
CXB1455R SONY-CXB1455R Datasheet
234Kb / 15P
   VGA/SVGA/XGA 24-bit Transmitter
CXB1456R SONY-CXB1456R Datasheet
206Kb / 17P
   VGA/SVGA/XGA 24-bit Receiver
More results

Similar Description - CXB1454R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1456R SONY-CXB1456R Datasheet
206Kb / 17P
   VGA/SVGA/XGA 24-bit Receiver
CXB1452Q SONY-CXB1452Q Datasheet
273Kb / 13P
   VGA/SVGA/XGA digital data serial receiver
CXB1455R SONY-CXB1455R Datasheet
234Kb / 15P
   VGA/SVGA/XGA 24-bit Transmitter
CXB1451Q SONY-CXB1451Q Datasheet
278Kb / 13P
   VGA/SVGA/XGA digital data serial transmitter
logo
Advantech Co., Ltd.
IDS-3212 ADVANTECH-IDS-3212_14 Datasheet
1Mb / 2P
   12" SVGA / XGA Industrial Panel Mount Monitor
IDS-3112 ADVANTECH-IDS-3112 Datasheet
314Kb / 2P
   12" SVGA / XGA Industrial Open Frame Monitor
IDS-3112 ADVANTECH-IDS-3112_16 Datasheet
406Kb / 2P
   12' SVGA / XGA Industrial Open Frame Monitor
IDS-3212 ADVANTECH-IDS-3212 Datasheet
512Kb / 2P
   12' SVGA / XGA Industrial Panel Mount Monitor
IDS-3112 ADVANTECH-IDS-3112_14 Datasheet
1Mb / 2P
   12" SVGA / XGA Industrial Open Frame Monitor
logo
THine Electronics, Inc.
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com