Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

587B051 Datasheet(PDF) 5 Page - Protek Devices

Part # 587B051
Description  120V AC POWER LINE SURGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B051 Datasheet(HTML) 5 Page - Protek Devices

  587B051_12 Datasheet HTML 1Page - Protek Devices 587B051_12 Datasheet HTML 2Page - Protek Devices 587B051_12 Datasheet HTML 3Page - Protek Devices 587B051_12 Datasheet HTML 4Page - Protek Devices 587B051_12 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05016.R7 9/12
Page 5
587B051 - 587B301
coMPany inFoRMation
COPYRIGHT © ProTek Devices 1998 - This literature is subject to all applicable copyright laws and is not for resale in any manner.
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice.
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice and that the final judgement concerning selection and specifications is the buyer’s and that in furnishing engineering
and technical assistance. ProTek assumes no responsibility with respect to the selection or specifications of such products. ProTek makes no warranty, representation or guarantee regarding the suitability of
its products for any particular purpose, nor does ProTek assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability without limitation special,
consequential or incidental damages.
LIFE SUPPORT POLICY: ProTek Devices products are not authorized for use in life support systems without written consent from the factory.
PATENT INFORMATION: This device is patented under U.S. Patent No. 4,563,720
coMPany PRoFile
In business more than 20 years, ProTek Devices™ is a privately-held company located in Tempe, Arizona, that offers a product line of tran-
sient voltage suppressors (TVS); avalanche breakdown diodes; steering diode TVS arrays and other surge suppressor component products.
These TVS devices protect electronic systems from the effects of lightning, electrostatic discharge (ESD), nuclear electromagnetic pulses
(NEMP), inductive switching and EMI / RFI. ProTek Devices also offers high performance interface and linear products that include analog
switches; multiplexers; LED drivers; audio control ICs; RF and related high frequency products. The analog devices work in a host of con-
sumer; industrial; automotive and other applications.
contact us
corporate headquarters
2929 South Fair Lane
Tempe, Arizona 85282
USA
By telephone
General: 602-431-8101
Sales: & Marketing: 602-414-5109
Customer Service: 602-414-5114
Product Technical Support: 602-414-5107
By Fax
General: 602-431-2288
By e-mail:
Sales: sales@protekdevices.com
Customer Service: service@protekdevices.com
Technical Support: support@protekdevices.com
Protek Devices (asia Pacific) Pte. ltd.
8 Ubi Road 2, #06-19
Zervex
Singapore - 408538
Tel: +65-67488312
Fax: +65-67488313
web
www.protekdevices.com


Similar Part No. - 587B051_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B051 PROTEC-587B051_11 Datasheet
335Kb / 5P
   120v ac power line surge suppressor
More results

Similar Description - 587B051_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B051 PROTEC-587B051 Datasheet
97Kb / 3P
   120V AC POWER LINE SURGE SUPPRESSOR
587B051 PROTEC-587B051_11 Datasheet
335Kb / 5P
   120v ac power line surge suppressor
587B051LP PROTEC-587B051LP Datasheet
72Kb / 3P
   LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP_12 Datasheet
333Kb / 4P
   LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B062 PROTEC-587B062 Datasheet
97Kb / 3P
   240V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP_11 Datasheet
331Kb / 4P
   low profile 120v acpower line surge suppressor
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
   120V RV SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE_12 Datasheet
337Kb / 4P
   LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE Datasheet
100Kb / 3P
   LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LP PROTEC-587B062LP Datasheet
100Kb / 3P
   LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com