Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

420E212 Datasheet(PDF) 2 Page - Protek Devices

Part # 420E212
Description  DUAL 4-20mA CONTROL LOOP PROTECTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

420E212 Datasheet(HTML) 2 Page - Protek Devices

  420E212_12 Datasheet HTML 1Page - Protek Devices 420E212_12 Datasheet HTML 2Page - Protek Devices 420E212_12 Datasheet HTML 3Page - Protek Devices 420E212_12 Datasheet HTML 4Page - Protek Devices 420E212_12 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05053.R6 9/12
Page 2
420E212 - 420E260
TyPiCal dEviCE ChaRaCTERisTiCs
MaXiMuM RaTiNGs @ 25°C unless Otherwise specified
PaRaMETER
syMBOl
valuE
uNiTs
Operating Line Current
I
O
100
mA
Transient Source Voltage
-
6
kV
Transient Current (8/20µs) - per Line
-
10
kA
Operating Temperature
T
A
-55 to 100
°C
Storage Temperature
T
STG
-55 to 100
°C
ElECTRiCal ChaRaCTERisTiCs PER liNE @ 25°C unless Otherwise specified
PaRT
NuMBER
MaXiMuM
OPERaTiNG
liNE vOlTaGE
v
OP
±vOlTs
MaXiMuM
lEaKaGE
CuRRENT
@ v
OP
i
d
µa
MaXiMuM
ClaMPiNG
vOlTaGE
(8/20µs)
@ 2000a
v
C
vOlTs
MaXiMuM
CaPaCiTaNCE
@ 0v, 1Mhz
C
pF
MaXiMuM
liNE
ThROuGhPuT
REsisTaNCE
R
OhMs
420E212
12.0
5.0
22
6000
12
420E225
25.0
5.0
44
3000
12
420E228
28.0
5.0
46
2800
12
420E236
36.0
5.0
60
1500
12
420E250
50.0
5.0
80
1200
12
420E260
60.0
5.0
95
1000
12
iNsTallaTiON iNsTRuCTiONs
There are two (2) terminals on the liNE sidE and three (3) wires on the EQuiPMENT sidE of this surge protection device (SPD). The Ground lead is considered ground
for both the input terminal and the equipment wire connections. For the best results, the ground wire should be connected to a low impedance ground or the green
wire AC power ground. It is recommended that a #14 standard wire be used for this connection.
Field (current) loops or incoming signal/data lines are to be cut or disconnected from the equipment to insert the SPD. The liNE sidE terminals of the protector are to
be connected to the field loop wires. The EQuiPMENT sidE of the protector is connected to the equipment/controller, etc. The location of the protector should be as
close to the equipment requiring protection.


Similar Part No. - 420E212_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
420E212 PROTEC-420E212_11 Datasheet
353Kb / 5P
   dual 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_13 Datasheet
299Kb / 4P
   Dual 4-20mA CONTROL LOOP PROTECTOR
More results

Similar Description - 420E212_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
420E212 PROTEC-420E212 Datasheet
55Kb / 3P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_11 Datasheet
353Kb / 5P
   dual 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_13 Datasheet
299Kb / 4P
   Dual 4-20mA CONTROL LOOP PROTECTOR
420LE28 PROTEC-420LE28 Datasheet
128Kb / 3P
   TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
420LB28 PROTEC-420LB28_12 Datasheet
447Kb / 5P
   TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
420LB28 PROTEC-420LB28 Datasheet
445Kb / 5P
   TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com