Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

420E212 Datasheet(PDF) 1 Page - Protek Devices

Part # 420E212
Description  DUAL 4-20mA CONTROL LOOP PROTECTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

420E212 Datasheet(HTML) 1 Page - Protek Devices

  420E212_12 Datasheet HTML 1Page - Protek Devices 420E212_12 Datasheet HTML 2Page - Protek Devices 420E212_12 Datasheet HTML 3Page - Protek Devices 420E212_12 Datasheet HTML 4Page - Protek Devices 420E212_12 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05053.R6 9/12
Page 1
420E212 - 420E260
dual 4-20ma CONTROl lOOP PROTECTOR
dEsCRiPTiON
The 420E series is a two stage transient voltage protector providing primary and secondary protection against
lightning, inductive switching and electrostatic discharge (ESD) transient threats. The first stage diverts the transient
current through the ground terminal return path and the second stage clamps the voltage to a safe level without inter-
ruption of service.
The 420E series is designed to protect 4-20mA analog control loops from differential (line to line) and common mode
(line to ground) transients. Terminals 1 and 2 are designated as line pairs for both the line and the equipment side of
the protector. A transient voltage suppressor is internally connected across each line pair for differential mode protec-
tion. Each line pair is referenced to ground. This product can also be used on telephone, signal/data lines, security,
timing and control interface circuits.
FEaTuREs
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 95A, 8/20µs, Level 4 (Line-
Gnd) & 48A, Level 4 (Line-Line)
• Designed for 4-20mA Current Loops
• Automatic Reset - Does Not Interrupt Service
• Permanent Two-Stage Line Pair Protection
• Common Mode & Differential Mode Protection
• Subnanosecond Response Time
• Effective Against Lightning, Inductive Switching and ESD
MEChaNiCal ChaRaCTERisTiCs
• Approximate Weight: 50 grams
• Flammability Rating UL 94V-0
aPPliCaTiONs
• Security Alarm Systems
• Industrial Control and Monitoring Systems
• Remote Tech Site Station
• Process Control Loops
420E


Similar Part No. - 420E212_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
420E212 PROTEC-420E212_11 Datasheet
353Kb / 5P
   dual 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_13 Datasheet
299Kb / 4P
   Dual 4-20mA CONTROL LOOP PROTECTOR
More results

Similar Description - 420E212_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
420E212 PROTEC-420E212 Datasheet
55Kb / 3P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_11 Datasheet
353Kb / 5P
   dual 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_13 Datasheet
299Kb / 4P
   Dual 4-20mA CONTROL LOOP PROTECTOR
420LE28 PROTEC-420LE28 Datasheet
128Kb / 3P
   TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
420LB28 PROTEC-420LB28_12 Datasheet
447Kb / 5P
   TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
420LB28 PROTEC-420LB28 Datasheet
445Kb / 5P
   TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com