Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3572R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA3572R
Description  Driver/Timing Generator for Color LCD Panels
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3572R Datasheet(HTML) 5 Page - Sony Corporation

  CXA3572R Datasheet HTML 1Page - Sony Corporation CXA3572R Datasheet HTML 2Page - Sony Corporation CXA3572R Datasheet HTML 3Page - Sony Corporation CXA3572R Datasheet HTML 4Page - Sony Corporation CXA3572R Datasheet HTML 5Page - Sony Corporation CXA3572R Datasheet HTML 6Page - Sony Corporation CXA3572R Datasheet HTML 7Page - Sony Corporation CXA3572R Datasheet HTML 8Page - Sony Corporation CXA3572R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
– 5 –
CXA3572R
Analog Block Pin Description
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description
Analog 12.0V GND.
100k
GND2
Vcc2
5k
125k
6
5
GND2
COMMON voltage output.
The output voltage is controlled by serial
communication.
6
COM
GND2
Vcc2
10k
5k
4K
7
9
11
15
Smoothing capacitor connection for the
feedback circuit of R, G, B and PSIG
output signal DC level control.
Connect a low-leakage capacitor.
7
9
11
15
B DC DET
R DC DET
G DC DET
PSIG DC DET
3.0V
R, G, B and PSIG signal outputs.
The DC level is controlled to match the
SIG.C pin voltage.
Low output in power saving mode.
8
10
12
14
B OUT
R OUT
G OUT
PSIG OUT
100k
GND2
Vcc2
5k
500
10
10
8
10
12
14
Analog 12.0V power supply.
13
VCC2
12.0V
200k
GND2
Vcc2
200k
10p
16
R, G, B and PSIG output DC voltage
setting.
Connect a 0.01µF capacitor between
this pin and GND1.
When using a SIG.C of other than
Vcc2/2, input the SIG.C voltage from an
external source.
16
SIG.C
VCC/2
No connection.
17
NC


Similar Part No. - CXA3572R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

Similar Description - CXA3572R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com