Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CXA3572R Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXA3572R
Description  Driver/Timing Generator for Color LCD Panels
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXA3572R Datasheet(HTML) 4 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
– 4 –
CXA3572R
Pin
No.
Symbol
VDD
HDO
VDO
RGT
VSS
HCK1
HCK2
HST
VDD
WIDE
DWN
VSS
37
38
39
40
41
42
43
44
45
46
47
48
I/O
O
O
O
O
O
O
O
O
Description
Digital 3.0V power supply
HDO pulse output
VDO pulse output
Right/left inversion switching signal output
Digital 3.0V GND
H clock pulse 1 output
H clock pulse 2 output
H start pulse output
Digital 3.0V power supply
WIDE pulse output
Up/down inversion switching signal output
Digital 3.0V GND
Input pin for
open status


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn