Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3572R Datasheet(PDF) 33 Page - Sony Corporation

Part # CXA3572R
Description  Driver/Timing Generator for Color LCD Panels
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3572R Datasheet(HTML) 33 Page - Sony Corporation

Back Button CXA3572R Datasheet HTML 29Page - Sony Corporation CXA3572R Datasheet HTML 30Page - Sony Corporation CXA3572R Datasheet HTML 31Page - Sony Corporation CXA3572R Datasheet HTML 32Page - Sony Corporation CXA3572R Datasheet HTML 33Page - Sony Corporation CXA3572R Datasheet HTML 34Page - Sony Corporation CXA3572R Datasheet HTML 35Page - Sony Corporation CXA3572R Datasheet HTML 36Page - Sony Corporation CXA3572R Datasheet HTML 37Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
– 33 –
CXA3572R
TEST2
Mode
0
1
Test mode
Normal operation
• TEST2 (Default: 0)
This is the test mode. Set to “1”.
PONF
Mode
0
1
12 fields
4 fields
• PONF (Default: 0)
This switches the time until the picture is displayed after power saving is canceled.
TEST0
Mode
0
1
Normal operation
Test mode
• TEST1 (Default: 0)
This is the test mode. Set to “0”.
SLPOF
Mode
0
1
POF = Low output
POF = High output
• SLPOF (Default: 0)
This sets the POF (Pin 36) output. The POF output setting can be made regardless of the power saving
mode.
SYNC GEN
Mode
0
1
Sync generator mode
Normal operation
• SYNC GEN (Default: 0)
This sets the sync generator mode. In sync generator mode, only the HDO and VDO pulses are output
normally, and all other pulses are low. The LCD panel power supply must be turned off in sync generator
mode. Normally set to “1”.
• SLNTPL (Default: 0)
This switches between NTSC and PAL mode.
SLNTPL
Mode
0
1
NTSC
PAL


Similar Part No. - CXA3572R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

Similar Description - CXA3572R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com