Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCX07F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74LCX07F
Description  Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX07F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74LCX07F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX07F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX07F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX07F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX07F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX07F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX07F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX07F_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX07F_12 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74LCX07F/FT/FK
2012-02-29
6
AC Test Circuit
AC Waveform
VCC
Symbol
5.0
± 0.5 V
3.3
± 0.3 V
2.7V
2.5
± 0.2 V
1.8
± 0.15 V
VIH
VCC
2.7V
VCC
VCC
VIM
VCC/2
1.5V
VCC /2
VCC /2
Input
tr,tf
2.5ns
2.5ns
2.0ns
2.0ns
VOM
VCC/2
1.5V
VOH/2
VOH/2
Output
VX
VOL +0.3V
VOL +0.3V
VOL +0.15V
VOL +0.15V
CL
50pF
50pF
30pF
30pF
Load
RL
500Ω
500Ω
500Ω
1kΩ
Figure 2 tpLZ, tpZL
Output
Low to Off to Low
Input
VOL
VOH
VOM
VX
Outputs
enabled
GND
VIH
90%
tr
VIM
10%
tpZL
tpLZ
Outputs
disabled
Outputs
enabled
tf
Figure 1
Measure
6V or VCC x 2
Parameter
Switch
6.0 V
@ VCC=3.3 ± 0.3 V
@ VCC=2.7V
tpLZ, tpZL
VCC × 2
@ VCC=5.0 ± 0.5 V
@ VCC=2.5± 0.2V
@ VCC=1.8 ± 0.15 V


Similar Part No. - TC74LCX07F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX07FK TOSHIBA-TC74LCX07FK Datasheet
277Kb / 10P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX07FN TOSHIBA-TC74LCX07FN Datasheet
177Kb / 9P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX07FN TOSHIBA-TC74LCX07FN Datasheet
277Kb / 10P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX07FT TOSHIBA-TC74LCX07FT Datasheet
177Kb / 9P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX07FT TOSHIBA-TC74LCX07FT Datasheet
277Kb / 10P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
More results

Similar Description - TC74LCX07F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX07FT TOSHIBA-TC74LCX07FT Datasheet
177Kb / 9P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX07F TOSHIBA-TC74LCX07F_07 Datasheet
277Kb / 10P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX05F TOSHIBA-TC74LCX05F Datasheet
178Kb / 9P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_12 Datasheet
234Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_07 Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07_06 Datasheet
225Kb / 15P
   Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
   LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX760 FAIRCHILD-74LCX760_05 Datasheet
112Kb / 10P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com