Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY1043 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CGY1043
Description  RF Manual 16th edition
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CGY1043 Datasheet(HTML) 4 Page - NXP Semiconductors

  CGY1043 Datasheet HTML 1Page - NXP Semiconductors CGY1043 Datasheet HTML 2Page - NXP Semiconductors CGY1043 Datasheet HTML 3Page - NXP Semiconductors CGY1043 Datasheet HTML 4Page - NXP Semiconductors CGY1043 Datasheet HTML 5Page - NXP Semiconductors CGY1043 Datasheet HTML 6Page - NXP Semiconductors CGY1043 Datasheet HTML 7Page - NXP Semiconductors CGY1043 Datasheet HTML 8Page - NXP Semiconductors CGY1043 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 130 page
background image
5
NXP Semiconductors RF Manual 16th edition
What’s new?
This RF Manual provides updated information on RF applications that are
grouped as follows: wireless and broadband communication infrastructure, TV
and satellite, portable devices, automotive, ISM, and aerospace and defense.
We describe in detail the new developments in our core technologies, QUBiC4
(SiGe:C) and LDMOS. We have also added GaN technology to our product
offering; this key technology lets high-power amplifiers deliver very high
efficiency in next-generation wireless communication systems.
New products include GaN power amplifiers, a complete line of overmolded
plastic (OMP) RF power transistors and MMICs, and our eighth generation
LDMOS transistors (Gen8). Next-generation devices and improved products
include GPS LNAs, medium power amplifiers, IF gain blocks, satellite LNB ICs
and CATV modules.
Our portfolio for the wireless communication infrastructure has expanded, with
a comprehensive set of amplifiers (low noise, variable gain, medium power, and
high power Doherty amplifiers), mixers, IQ modulators and synthesizers, so you
can build a highly efficient signal chain for transmit line-ups and receive chains.
The Design Support section is updated and includes all available tools,
documents, materials and links that ease the design-in of our products.
RF Manual web page
www.nxp.com/rfmanual
Kind regards,
John Croteau
Sr. Vice President & General Manager
Business Line High Performance RF
We’re relentless in our commitment to RF innovation, and have the infrastructure and insight to inspire confidence
in your performance-critical applications. We bring focus to complex RF problems so you are free to push the
performance limits of your application, realize your design vision, and gain a competitive edge for your enterprise.
What you are reading is more than a guide, it's a tool that lets you unleash your RF performance: the 16th edition
of the RF Manual.


Similar Part No. - CGY1043

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY1043 NXP-CGY1043 Datasheet
99Kb / 8P
   1 GHz, 23 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
More results

Similar Description - CGY1043

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
1Mb / 8P
   RF Manual 7th edition
Rev. 2-7 September 2010
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
   Seeed Studio Edition
logo
API Technologies Corp
3056 APITECH-3056 Datasheet
477Kb / 1P
   RF Manual Step Attenuator
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
   Extreme edition sequence
logo
Yantel Corporation
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
2611 YANTEL-2611 Datasheet
142Kb / 2P
   SMD RF Manual Tunable Inductor
2616 YANTEL-2616 Datasheet
135Kb / 2P
   SMD RF Manual Tunable Inductor
2713 YANTEL-2713 Datasheet
182Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com