Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3562R Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA3562R
Description  LCD Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3562R Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA3562R Datasheet HTML 7Page - Sony Corporation CXA3562R Datasheet HTML 8Page - Sony Corporation CXA3562R Datasheet HTML 9Page - Sony Corporation CXA3562R Datasheet HTML 10Page - Sony Corporation CXA3562R Datasheet HTML 11Page - Sony Corporation CXA3562R Datasheet HTML 12Page - Sony Corporation CXA3562R Datasheet HTML 13Page - Sony Corporation CXA3562R Datasheet HTML 14Page - Sony Corporation CXA3562R Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
– 11 –
CXA3562R
Description of Operation
The flow of internal operations is described below.
The digital signals input to D_A9 to D_A0 and D_B9 to D_B0 are internally D/A converted into approximately
1.5V (at VREF_I: 3.2V) analog signals. After that, the signal that has been demultiplexed into 12 phases is
amplified by a factor of three times, inverted at the signal center potential according to FRP, and output.
The output level relative to the digital input changes according to the following settings.
A: SIG_OFST voltage
B: VREF_I voltage
C: SIG.C voltage
1. Digital input block
The CXA3562R can be set to single input from only the A port or parallel input from both the A and B ports,
and port switching by right/left inversion is also possible in parallel input mode. This makes it possible to
support various systems.
In single input mode, the signal is internally demultiplexed to 2-parallel format and input to the D/A converter.
2. D/A converter block
The internal D/A converter has two systems for odd-numbered and even-numbered outputs. The voltage input
from VREF_I becomes the 100% white level potential of the analog converted signal, and this amplitude is a
maximum 1.5Vp-p with respect to input data of 000h to 3FFh.
3. Sample-and-hold (S/H) block
The odd-numbered and even-numbered D/A converter outputs are input to the odd-numbered and even-
numbered sample-and-hold blocks, respectively. The signals are converted from time series signals into 6-phase
cyclic parallel signals by the sample-and-hold group which is appropriately controlled by the internal timing
generator. For forward scan, the signals are output in the ascending order of SH_OUT1, SH_OUT2, SH_OUT3
... SH_OUT12. For reverse scan, this order is inverted and the signals are output in descending order. Connect
the signals to the LCD panel according to the order used. The timing of each sample-and-hold pulse is shown
on the following pages. These pulses are not output and are used only inside the IC.
VCC
GND
Signal Center
1023
512
0
A
A
B
B
C
Digital IN
SH_OUT


Similar Part No. - CXA3562R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3562AR SONY-CXA3562AR Datasheet
348Kb / 24P
   LCD Driver
More results

Similar Description - CXA3562R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA7000R SONY-CXA7000R Datasheet
278Kb / 23P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
   LCD driver
Rev1.0 2015/08/17
NT7108C NEOTEC-NT7108C Datasheet
596Kb / 25P
   LCD driver
Rev1.0 2015/08/17
logo
Sanyo Semicon Device
LC7582 SANYO-LC7582 Datasheet
378Kb / 9P
   LCD Driver
logo
Sony Corporation
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7108D NEOTEC-NT7108D Datasheet
354Kb / 24P
   LCD driver
Rev 1.0 2015/08/12
logo
Sony Corporation
CXA3562AR SONY-CXA3562AR Datasheet
348Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7063B NEOTEC-NT7063B Datasheet
313Kb / 11P
   LCD Driver
Version 1.3
NT7107D NEOTEC-NT7107D Datasheet
367Kb / 21P
   LCD driver
Rev1.0 2015/08/12
NT7086PQ NEOTEC-NT7086PQ Datasheet
672Kb / 31P
   LCD Driver
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com