Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DSCC05001 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. DSCC05001
Description  Surface Mount Multilayer Ceramic Chip Capacitors High Frequency DSCC Qualified Type 05001
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

DSCC05001 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DSCC 05001
www.vishay.com
Vishay Vitramon
Revision: 12-Apr-12
3
Document Number: 45068
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
•• paper carrier and • plastic carrier tape
SELECTION CHART
DIELECTRIC
BP
STYLE
05001
TOLERANCE
CASE CODE
0805
VOLTAGE (VDC)
50
100
200
250
VOLTAGE CODE
A
B
C
K
CAP. CODE
CAP.
1R0
1.0 pF
••
••
••
••
B, C
1R1
1.1 pF
••
••
••
••
B, C, D
1R2
1.2 pF
••
••
••
••
B, C, D
1R3
1.3 pF
••
••
••
••
B, C, D
1R4
1.4 pF
••
••
••
••
B, C, D
1R5
1.5 pF
••
••
••
••
B, C, D
1R6
1.6 pF
••
••
••
••
B, C, D
1R7
1.7 pF
••
••
••
••
B, C, D
1R8
1.8 pF
••
••
••
••
B, C, D
1R9
1.9 pF
••
••
••
••
B, C, D
2R0
2.0 pF
••
••
••
••
B, C, D
2R1
2.1 pF
••
••
••
••
B, C, D
2R2
2.2 pF
••
••
••
••
B, C, D
2R4
2.4 pF
••
••
••
••
B, C, D
2R7
2.7 pF
••
••
••
••
B, C, D
3R0
3.0 pF
••
••
••
••
B, C, D
3R3
3.3 pF
••
••
••
••
B, C, D
3R6
3.6 pF
••
••
••
••
B, C, D
3R9
3.9 pF
••
••
••
••
B, C, D
4R3
4.3 pF
••
••
••
••
B, C, D
4R7
4.7 pF
••
••
••
••
B, C, D
5R1
5.1 pF
••
••
••
••
B, C, D
5R6
5.6 pF
••
••
••
••
B, C, D
6R2
6.2 pF
••
••
••
••
B, C, D
6R8
6.8 pF
••
••
••
••
B, C, J, K, M
7R5
7.5 pF
••
••
••
••
B, C, J, K, M
8R2
8.2 pF
••
••
••
••
B, C, J, K, M
9R1
9.1 pF
••
••
••
••
B, C, J, K, M
100
10 pF
••
••
••
••
F, G, J, K, M
110
11 pF
••
••
••
••
F, G, J, K, M
120
12 pF
••
••
••
••
F, G, J, K, M
130
13 pF
••
••
••
••
F, G, J, K, M
150
15 pF
••
••
••
••
F, G, J, K, M
180
18 pF
••
••
••
••
F, G, J, K, M
200
20 pF
••
••
••
••
F, G, J, K, M
220
22 pF
••
••
••
••
F, G, J, K, M
240
24 pF
••
••
••
••
F, G, J, K, M
270
27 pF
••
••
••
••
F, G, J, K, M
300
30 pF
••
••
••
••
F, G, J, K, M
330
33 pF
••
••
••
••
F, G, J, K, M
360
36 pF
••
••
••
••
F, G, J, K, M
390
39 pF
••
••
••
••
F, G, J, K, M
430
43 pF
••
••
••
••
F, G, J, K, M
470
47 pF
••
••
••
••
F, G, J, K, M
510
51 pF
••
••
••
••
F, G, J, K, M
560
56 pF
••
••
••
••
F, G, J, K, M
620
62 pF
••
••
F, G, J, K, M
680
68 pF
••
••
F, G, J, K, M
750
75 pF
••
••
F, G, J, K, M
820
82 pF
••
••
F, G, J, K, M
910
91 pF
••
••
F, G, J, K, M
101
100 pF
••
••
F, G, J, K, M


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn