Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CXA3522R Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXA3522R
Description  Driver/Timing Generator for Color LCD Panels
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXA3522R Datasheet(HTML) 6 Page - Sony Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
– 6 –
CXA3522R
Pin
No.
8
F ADJ
Connect a resistor between this
pin and GND1 to control the
internal LPF and trap
frequencies.
Connect a 33k
Ω resistor
(tolerance ±2%, temperature
characteristics ±200ppm or less).
This pin is easily affected by
external noise, so make the
connection between the pin and
external resistor, and between
the GND side of the external
resistor and the GND1 pin as
close as possible.
Analog 3.0V GND.
1.1V
GND1
9
Symbol
Pin
voltage
Equivalent circuit
Description
VCC1
GND1
10
6.5k
8
14
15
16
SCK
SEN
SDAT
Serial clock, serial load and
serial data inputs for serial
communication.
VCC1
200
GND1
14
15
16
17
R INJECT
Connect a resistor for setting
the injector current of the IIL
logic circuit. Connect a 15k
resistor between this pin and
GND1. Use a resistor with a
deviation of ±2% and
temperature characteristics of
±200ppm or less.
0.7V
29
GND2
Analog 12.0V GND.
(for the RGB and PSIG output
circuits)
VCC1
200
GND1
17
30
SIG.C
R, G, B and PSIG output DC
voltage setting.
Connect a 0.01µF capacitor
between this pin and GND1.
When using a SIG.C of other
than VCC2/2, input the SIG.C
voltage from an external
source.
Preset
VCC2/2
Variable
range:
5.0 to 6.5V
VCC2
GND1
140k
140k
200
10pF
30


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn