Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMPG06A Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # RMPG06A
Description  GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

RMPG06A Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  RMPG06A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd RMPG06A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
RMPG06A THRU RMPG06J
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
110
100
0
10
20
30
40
50
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.01
0.1
1
10
30
110
100
1
10
30
0
25
50
75
100
125
150
175
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
0.1
1
10
100
FIG. 1 - FORWARD CURRENT DERATING CURVES
AMBIENT TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
TJ=125°C
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
RESISTIVE OR
INDUCTIVE LOAD
0.375" (9.5mm) LEAD
LENGTH
RATED LOAD
NO LOAD CONDITION
CAPACITANCE
LOADS
5.0
Ipk/IAV= 10
20
1.0
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec.
020
40
60
80
100
0.01
0.1
1
10
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
TJ=75°C
50V-600V 1.0A
RMPG06A THRU RMPG06J
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER


Similar Part No. - RMPG06A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RMPG06A GE-RMPG06A Datasheet
50Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
RMPG06A VISHAY-RMPG06A Datasheet
77Kb / 4P
   Miniature Fast Switching Plastic Rectifier
Revision: 01-Feb-11
RMPG06A VISHAY-RMPG06A Datasheet
77Kb / 4P
   Miniature Fast Switching Plastic Rectifier
01-Jan-2022
RMPG06A VISHAY-RMPG06A_V01 Datasheet
77Kb / 4P
   Miniature Fast Switching Plastic Rectifier
01-Jan-2022
More results

Similar Description - RMPG06A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4942GP GE-1N4942GP Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4942GP VISHAY-1N4942GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP15A VISHAY-RGP15A_V01 Datasheet
75Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP10A VISHAY-RGP10A_V01 Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP25A VISHAY-RGP25A_V01 Datasheet
74Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
BA157GP VISHAY-BA157GP_V01 Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP15M-E3 VISHAY-RGP15M-E3 Datasheet
72Kb / 4P
   Glass Passivated Junction Fast Switching Plastic Rectifier
Revision: 11-Dec-13
1N4933GP VISHAY-1N4933GP_V01 Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP02-12E VISHAY-RGP02-12E_15 Datasheet
90Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
Revision: 11-Dec-13
logo
General Semiconductor
RGP15A GE-RGP15A Datasheet
64Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com