Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE426MR7470JR06L2 Datasheet(PDF) 2 Page - Kemet Corporation

Part # PHE426MR7470JR06L2
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE426MR7470JR06L2 Datasheet(HTML) 2 Page - Kemet Corporation

  PHE426MR7470JR06L2 Datasheet HTML 1Page - Kemet Corporation PHE426MR7470JR06L2 Datasheet HTML 2Page - Kemet Corporation PHE426MR7470JR06L2 Datasheet HTML 3Page - Kemet Corporation PHE426MR7470JR06L2 Datasheet HTML 4Page - Kemet Corporation PHE426MR7470JR06L2 Datasheet HTML 5Page - Kemet Corporation PHE426MR7470JR06L2 Datasheet HTML 6Page - Kemet Corporation PHE426MR7470JR06L2 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image

Evox Rifa Leaded Film Capacitors
dERating oF u
Rms Vs FREquEnCY, +85°C amBiEnt tEmpERatuRE
and 10°C intERnaL HEating, tYpiCaL VaLuEs
PhE426
EnViRonmEntaL tEst data
According to IEC 60384-16, Grade 1.1 and Quality tests and requirements for Pulse
Capacitors on page 95.
maRKing
• RIFA
• Article code
• Rated capacitance according to
IEC 60062
• Capacitance tolerance code
• Rated voltage
• Manufacturing code (year, month)
oRdERing inFoRmation
The article code for the standard part is given in the article table.
For other options, see page 11.
more simulation possibilities
in Pccad software package.
see page 94.
100
0.1
1.0
10
100
10
0.012 µF
0.056 µF
0.22 µF
0.82 µF
2.5 µF
Urms (V)
400 VDC/450 VDC/220 VAC
Frequency (kHz)
100
0.1
1.0
10
100
10
0.022 µF
0.068 µF
0.27 µF
1 µF
Urms (V)
Frequency (kHz)
630 VDC/250 VAC
Urms (V)
1000 VDC/250 VAC
Frequency (kHz)
0.68
µF
2.2
µF
4.7
µF
0.1
µF
0.039
µF
Urms (V)
100
10
0.1
1.0
10
100
1
300 VDC/160 VAC
Frequency (kHz)
100
10
0.1
1.0
10
100
1
0.1
µF
0.33
µF
2.2
µF
4.7
µF
Urms (V)
250 VDC/160VAC
Frequency (kHz)
Urms (V)
1600 VDC/650 VAC
Frequency (kHz)
1000
100
0.0047µF
0.022µF
0.047µF
10
0.1
1.0
10.0
100.0
1000.0
1
Urms (V)
2000 VDC/700 VAC
Frequency (kHz)
1000
100
10
0.1
1.0
10.0
100.0
1000.0
1
0.001µF
0.0047µF
0.022µF


Similar Part No. - PHE426MR7470JR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426MR7100JR06L2 ETC2-PHE426MR7100JR06L2 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
PHE426MR7120JR06L2 ETC2-PHE426MR7120JR06L2 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
PHE426MR7150JR06L2 ETC2-PHE426MR7150JR06L2 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
PHE426MR7180JR06L2 ETC2-PHE426MR7180JR06L2 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
PHE426MR7220JR06L2 ETC2-PHE426MR7220JR06L2 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426MR7470JR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com