Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP10KA Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # RGP10KA
Description  SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

RGP10KA Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  RGP10KA Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd RGP10KA Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
RGP10A THRU RGP10MA
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
50V-1000V
1.0A
RGP10A THRU RGP10MA
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.50
1.25
1.00
0.75
0.50
0.25
0.10
1.00
10.00
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0
25
50
75
100
125
150
175
60Hz
RESISTIVE OR
INDUCTIVE LOAD
PULSE WIDTH=300uS
1% DUTY CYCLE
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0.375" (9.5mm) LEAD LENGTH
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
5
10
15
20
25
30
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0.1
1
10
100
0
20
1
10
100
TJ=125
oC
TJ=150
oC
40
60
80
100 110
FIG.5 - TYPICAL JUNCTION CAPACITANCE
FIG.6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
t , PULSE DURATION, sec
100
10
1.0
0.10
0.01
2
4
10
6
20
60
100


Similar Part No. - RGP10KA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10KA ZOWIE-RGP10KA Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
RGP10KA TAITRON-RGP10KA Datasheet
132Kb / 4P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
Zowie Technology Corpor...
RGP10KAH ZOWIE-RGP10KAH Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results

Similar Description - RGP10KA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP30AH ZOWIE-RGP30AH Datasheet
58Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RG110B ZOWIE-RG110B Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP10AH ZOWIE-RGP10AH Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP20A ZOWIE-RGP20A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP30A ZOWIE-RGP30A Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP10A ZOWIE-RGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP02-12H ZOWIE-RGP02-12H Datasheet
64Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
WRGP10AH ZOWIE-WRGP10AH Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP15A TAYCHIPST-RGP15A Datasheet
4Mb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP20A TAYCHIPST-RGP20A Datasheet
4Mb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com