Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEHEW-L1-0000-00DE4 Datasheet(PDF) 8 Page - Cree, Inc

Part # XPEHEW-L1-0000-00DE4
Description  Cree짰 XLamp짰 XP Family LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEHEW-L1-0000-00DE4 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XPEHEW-L1-0000-00DE4 Datasheet HTML 4Page - Cree, Inc XPEHEW-L1-0000-00DE4 Datasheet HTML 5Page - Cree, Inc XPEHEW-L1-0000-00DE4 Datasheet HTML 6Page - Cree, Inc XPEHEW-L1-0000-00DE4 Datasheet HTML 7Page - Cree, Inc XPEHEW-L1-0000-00DE4 Datasheet HTML 8Page - Cree, Inc XPEHEW-L1-0000-00DE4 Datasheet HTML 9Page - Cree, Inc XPEHEW-L1-0000-00DE4 Datasheet HTML 10Page - Cree, Inc XPEHEW-L1-0000-00DE4 Datasheet HTML 11Page - Cree, Inc XPEHEW-L1-0000-00DE4 Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
xlamp xp led binning & labeling
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
PerFormanCe grouPs – DominanT WaveLengTh
Color XLamp LEDs are tested for dominant wavelength (DWL) and sorted into one of the DWL bins defined below.
Color
DWL group
min. DWL (nm)
@ 350 ma
max. DWL (nm)
@ 350 ma
royal Blue
D3
450
455
D4
455
460
D5
460
465
Blue
B3
465
470
B4
470
475
B5
475
480
B6
480
485
Green
G2
520
525
G3
525
530
G4
530
535
amber
a2
585
590
a3
590
595
red-orange
o3
610
615
o4
615
620
red
r2
620
625
r3
625
630
PerFormanCe grouPs – ForWarD voLTage
Amber, red-orange, red and High-Efficiency White XLamp LEDs are tested for forward voltage and sorted into one of the
forward voltage bins defined below.
Forward voltage
group
min. Forward
voltage
@ 350 ma
max. Forward
voltage
@ 350 ma
B
1.75
2.0
c
2.0
2.25
D
2.25
2.5
e
2.5
2.75
F
2.75
3.0
G
3.0
3.25
H
3.25
3.5
J
3.5
3.75


Similar Part No. - XPEHEW-L1-0000-00DE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEHEW-L1-0000-00DE4 CREE-XPEHEW-L1-0000-00DE4 Datasheet
985Kb / 11P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
More results

Similar Description - XPEHEW-L1-0000-00DE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com