Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7WH74FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7WH74FU
Description  D-Type flip flop with preset and clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH74FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7WH74FU_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7WH74FU_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7WH74FU_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7WH74FU_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7WH74FU_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7WH74FU_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7WH74FU_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7WH74FU/FK
2009-09-28
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
High-level input voltage
VIH
3.0 to
5.5
VCC
× 0.7
VCC
× 0.7
V
2.0
0.5
0.5
Low-level input voltage
VIL
3.0 to
5.5
VCC
× 0.3
VCC
× 0.3
V
2.0
1.9
2.0
1.9
3.0
2.9
3.0
2.9
IOH = −50 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
3.0
2.58
2.48
High-level output voltage
VOH
VIN = VIH
or VIL
IOH = −8 mA
4.5
3.94
3.80
V
2.0
0.0
0.1
0.1
3.0
0.0
0.1
0.1
IOL = 50 μA
4.5
0.0
0.1
0.1
IOL = 4 mA
3.0
0.36
0.44
Low-level output voltage
VOL
VIN = VIH
or VIL
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA
TIMING REQUIREMENTS (unless otherwise specified, Input: tr = tf = 3 ns )
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Limit
Limit
Unit
3.3
± 0.3
6.0
7.0
Minimum pulse width
(CK)
tW (L)
tW (H)
5.0
± 0.5
5.0
5.0
3.3
± 0.3
6.0
7.0
Minimum pulse width
( CLR , PR )
tW (L)
5.0
± 0.5
5.0
5.0
3.3
± 0.3
6.0
7.0
Minimum setup time
ts
5.0
± 0.5
5.0
5.0
3.3
± 0.3
0.5
0.5
Minimum hold time
th
5.0
± 0.5
0.5
0.5
3.3
± 0.3
5.0
5.0
Minimum removal time
( CLR , PR )
trem
5.0
± 0.5
3.0
3.0
ns


Similar Part No. - TC7WH74FU_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH74FU TOSHIBA-TC7WH74FU_01 Datasheet
246Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC7WH74FU_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74FK TOSHIBA-TC7W74FK_09 Datasheet
220Kb / 9P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F_01 Datasheet
277Kb / 9P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WZ74FK TOSHIBA-TC7WZ74FK Datasheet
117Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F Datasheet
245Kb / 8P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WT74FU TOSHIBA-TC7WT74FU Datasheet
212Kb / 5P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WG74FK TOSHIBA-TC7WG74FK_09 Datasheet
203Kb / 9P
   D-Type Flip Flop with Preset and Clear
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com