Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7WG126FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TC7WG126FK
Description  Dual Bus Buffer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG126FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7WG126FK_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7WG126FK_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7WG126FK_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7WG126FK_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7WG126FK_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7WG126FK_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7WG126FK_09 Datasheet HTML 7Page - Toshiba Semiconductor TC7WG126FK_09 Datasheet HTML 8Page - Toshiba Semiconductor TC7WG126FK_09 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC7WG126FU/FK
2009-09-24
2
IEC Logic Symbol
Truth Table
G
A
Y
L
X
Z
H
L
L
H
H
H
X: Don’t Care
Z: High impedance
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
0.9 to 3.6
V
Input voltage
VIN
0 to 5.5
V
0 to 3.6
(Note 4)
Output voltage
VOUT
0 to VCC (Note 5)
V
8.0
(Note 6)
4.0
(Note 7)
3.0
(Note 8)
1.7
(Note 9)
0.3
(Note 10)
Output Current
IOH/IOL
0.02
(Note 11)
mA
Operating temperature
Topr
40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
 (Note 12)
ns/V
Note 4: VCC = 0 V
Note 5: High or Low state
Note 6: VCC = 3.0 to 3.6 V
Note 7: VCC = 2.3 to 2.7 V
Note 8: VCC = 1.65 to 1.95 V
Note 9: VCC = 1.4 to 1.6 V
Note 10: VCC = 1.1 to 1.3 V
Note 11: VCC = 0.9 V
Note 12: VIN = 0.8 to 2.0 V, VCC = 3.0 V
IN A
G
OUT Y
EN


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn