Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7WG17FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7WG17FK
Description  Triple Schmitt Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG17FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7WG17FK_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7WG17FK_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7WG17FK_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7WG17FK_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7WG17FK_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7WG17FK_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7WG17FK_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7WG17FU/FK
2009-09-18
2
IEC Logic Symbol
Truth Table
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
0.9 to 3.6
V
Input voltage
VIN
0 to 5.5
V
0 to 3.6
(Note 4)
Output voltage
VOUT
0 to VCC
(Note 5)
V
± 8.0
(Note 6)
± 4.0
(Note 7)
± 3.0
(Note 8)
± 1.7
(Note 9)
± 0.3
(Note 10)
Output current
IOH/IOL
± 0.02
(Note 11)
mA
Operating temperature
Topr
−40 to 85
°C
Note 4: VCC = 0V
Note 5: High or Low state.
Note 6: VCC = 3.0 to 3.6 V
Note 7: VCC = 2.3 to 2.7 V
Note 8: VCC = 1.65 to 1.95 V
Note 9: VCC = 1.4 to 1.6 V
Note 10: VCC = 1.1 to 1.3 V
Note 11: VCC = 0.9 V
A
Y
L
L
H
H
IN A
OUT Y


Similar Part No. - TC7WG17FK_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WG17FK TOSHIBA-TC7WG17FK Datasheet
187Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Buffer
More results

Similar Description - TC7WG17FK_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G17 TI1-SN74LVC3G17_15 Datasheet
994Kb / 23P
[Old version datasheet]   Triple Schmitt-Trigger Buffer
SN74LVC3G17 TI-SN74LVC3G17 Datasheet
260Kb / 12P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER BUFFER
logo
Diodes Incorporated
74LVC3G17 DIODES-74LVC3G17 Datasheet
626Kb / 9P
   TRIPLE SCHMITT-TRIGGER BUFFER
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17_V01 Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17 ONSEMI-NL37WZ17 Datasheet
87Kb / 8P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2003 - Rev. 3
NL37WZ17 ONSEMI-NL37WZ17_13 Datasheet
113Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2013 ??Rev. 8
NL37WZ17 ONSEMI-NL37WZ17_06 Datasheet
70Kb / 6P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2006 ??Rev. 5
NL37WZ17 ONSEMI-NL37WZ17_12 Datasheet
105Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2012 ??Rev. 7
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com