Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3286 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA3286
Description  8-bit 160MSPS Flash A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3286 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA3286 Datasheet HTML 5Page - Sony Corporation CXA3286 Datasheet HTML 6Page - Sony Corporation CXA3286 Datasheet HTML 7Page - Sony Corporation CXA3286 Datasheet HTML 8Page - Sony Corporation CXA3286 Datasheet HTML 9Page - Sony Corporation CXA3286 Datasheet HTML 10Page - Sony Corporation CXA3286 Datasheet HTML 11Page - Sony Corporation CXA3286 Datasheet HTML 12Page - Sony Corporation CXA3286 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
– 9 –
CXA3286R
4 T =
5 TPS: Times Per Sample
6 Pd = (I
CC
+ IEE) · VCC +
7 Pd = (I
CC
+ IEE) · VCC
(VRT – VRB) 2
Rref
Dynamic characteristics
Input bandwidth
S/N ratio
Error rate
Power supply
Supply current
AVcc pin supply current
DVcc1 pin supply current
DVcc2 pin supply current
DGND3 pin supply current
Supply current for PS
AVcc pin supply current for PS
DVcc1 pin supply current for PS
DVcc2 pin supply current for PS
DGND3 pin supply current for PS
Power consumption
Power consumption for PS
ICC + IEE
AICC
DICC1
DICC2
IEE
ICC + IEE
AICC
DICC1
DICC2
IEE
Pd∗6
Pd∗7
250
89
62
22
4.0
0.5
480
0.3
46
42
108
550
1
× 10–12
2
× 10–8
1
× 10–9
140
87
36
15
1.5
5
1.5
1.5
1.5
0.5
700
25
MHz
dB
dB
TPS
5
TPS
TPS
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mW
mW
VIN = 2Vp-p, –3dB
Fc = 160MSPS,
fin = 1kHz Fs
DMUX mode
Fc = 160MSPS,
fin = 9.999MHz Fs
DMUX mode
Fc = 160MSPS,
fin = 1kHz Fs
DMUX mode
Error > 16LSB
Fc = 160MSPS,
fin = 9.999MHz Fs
DMUX mode
Error > 16LSB
Fc = 125MSPS,
fin = 31.249MHz Fs
Straight mode
Error > 16LSB
{
{
{
{
{
1
Fc
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
2 Rref: Resistance value between V
RT
and VRB
3 Iref = VRT – VRB
Rref


Similar Part No. - CXA3286

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results

Similar Description - CXA3286

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3286 INTERSIL-HI3286 Datasheet
229Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3276Q SONY-CXA3276Q Datasheet
312Kb / 22P
   8-bit 160MSPS Flash A/D Converter
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
   10/9/8-BIT 160MSPS D/A CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com