Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7WG02FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7WG02FK
Description  Dual 2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG02FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7WG02FK_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7WG02FK_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7WG02FK_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7WG02FK_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7WG02FK_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7WG02FK_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7WG02FK_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7WG02FU/FK
2009-09-18
2
IEC Logic Symbol
Truth Table
A
B
Y
L
L
H
L
H
L
H
L
L
H
H
L
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
0.9 to 3.6
V
Input voltage
VIN
0 to 5.5
V
0 to 3.6
(Note 4)
Output voltage
VOUT
0 to VCC
(Note 5)
V
± 8.0
(Note 6)
± 4.0
(Note 7)
± 3.0
(Note 8)
± 1.7
(Note 9)
± 0.3
(Note 10)
Output current
IOH/IOL
± 0.02
(Note 11)
mA
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
(Note 12)
ns/V
Note 4: VCC = 0V
Note 5: High or Low state.
Note 6: VCC = 3.0 to 3.6 V
Note 7: VCC = 2.3 to 2.7 V
Note 8: VCC = 1.65 to 1.95 V
Note 9: VCC = 1.4 to 1.6 V
Note 10: VCC = 1.1 to 1.3 V
Note 11: VCC = 0.9 V
Note 12: VIN = 0.8 to 2.0 V, VCC = 3.0 V
OUT Y
IN A
> 1
IN B


Similar Part No. - TC7WG02FK_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WG02FK TOSHIBA-TC7WG02FK Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
More results

Similar Description - TC7WG02FK_09

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
   Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com