Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1S1R Datasheet(PDF) 5 Page - NXP Semiconductors

Part # F1S1R
Description  SSL1523 high power factor 5 W LED driver for universal
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F1S1R Datasheet(HTML) 5 Page - NXP Semiconductors

  F1S1R Datasheet HTML 1Page - NXP Semiconductors F1S1R Datasheet HTML 2Page - NXP Semiconductors F1S1R Datasheet HTML 3Page - NXP Semiconductors F1S1R Datasheet HTML 4Page - NXP Semiconductors F1S1R Datasheet HTML 5Page - NXP Semiconductors F1S1R Datasheet HTML 6Page - NXP Semiconductors F1S1R Datasheet HTML 7Page - NXP Semiconductors F1S1R Datasheet HTML 8Page - NXP Semiconductors F1S1R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
5 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
4.
Demo board connections
The demo board can be operated from mains voltages of 120 V (AC) (60 Hz) up to
230 V (AC) (50 Hz). The board is designed to work with multiple high power LEDs with a
total working voltage of 12 V to 25 V. The output current can be set by resistor R18, see
Section 7. A dedicated LED load connected to K3 can be supplied on request. The
connector K2 can be used to attach other LED loads. The output voltage is limited to a
maximum of 33 V. When attaching a LED load to an operational board (hot plugging), an
inrush peak current will occur due to discharge of capacitor C10. After (some)
discharge(s), the LEDs may deteriorate and/or become damaged.
4.1 Connecting the demo board:
If a galvanic isolated transformer is used, this should be placed between the AC
source and the demo board.
Connect a user-defined LED (string) to the connector K2 as shown in Figure 3. Make
sure that the anode of the LED (string) is connected to + (bottom side of this
connector).
5.
Functional description
The SSL1523 IC (Ref. 3) has several internal functions which include the following:
The SSL1523 controls and drives the flyback converter.
Over Current Protection (OCP) of the internal FET at 0.5 V on the SOURCE pin.
The converter frequency is set with an internal oscillator, the timing of which is
controlled by external RC components on pin RC.
The REG pin controls the on-time of the internal switch between 0 % and 75 %.
This board is optimized to operate at a power factor of 0.9 in the nominal application with
six LEDs on the output. In order to achieve this, the converter operates dominantly at a
constant ton mode. The output power of the converter is buffered by capacitor C10, and
therefore the circuit exhibits resistive input current behavior (see Figure 4).
Fig 3.
Demo board connection diagram
K2
K3
J1
J2
K1
pin 1: LED +
pin 6: LED
pin 5: LED
pin 4: LED
pin 3: LED +
pin 2: LED +
pin 1: LED +
pin 2: LED
019aaa134
pin 2:
K4
pin 1:
+
pin 3: N
pin 1: L
pin 2:
control input from
external opto coupler


Similar Part No. - F1S1R

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
F1S-100-FB RCD-F1S-100-FB Datasheet
43Kb / 1P
   MINIATURE POWER FILM RESISTORS
F1S-100-FT RCD-F1S-100-FT Datasheet
43Kb / 1P
   MINIATURE POWER FILM RESISTORS
F1S-100-GB RCD-F1S-100-GB Datasheet
43Kb / 1P
   MINIATURE POWER FILM RESISTORS
F1S-100-GT RCD-F1S-100-GT Datasheet
43Kb / 1P
   MINIATURE POWER FILM RESISTORS
F1S-100-JB RCD-F1S-100-JB Datasheet
43Kb / 1P
   MINIATURE POWER FILM RESISTORS
More results

Similar Description - F1S1R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1676 DIODES-AL1676 Datasheet
487Kb / 15P
   UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
STMicroelectronics
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
   15 W high power factor LED driver based on HVLED815PF
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
logo
Linkage Goston Electron...
SM7301 LINKAGE-SM7301 Datasheet
4Mb / 8P
   High power factor LED driver chip
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702_14 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
   High-Power Factor Flyback Converter for LED Driver with
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
logo
Linkage Goston Electron...
SM7352P LINKAGE-SM7352P Datasheet
1Mb / 7P
   HIgh-Power Factor LED Driver Control Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com