Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSW-106-02-G-S-RA Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SSW-106-02-G-S-RA
Description  SSL1523 high power factor 5 W LED driver for universal
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSW-106-02-G-S-RA Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SSW-106-02-G-S-RA Datasheet HTML 11Page - NXP Semiconductors SSW-106-02-G-S-RA Datasheet HTML 12Page - NXP Semiconductors SSW-106-02-G-S-RA Datasheet HTML 13Page - NXP Semiconductors SSW-106-02-G-S-RA Datasheet HTML 14Page - NXP Semiconductors SSW-106-02-G-S-RA Datasheet HTML 15Page - NXP Semiconductors SSW-106-02-G-S-RA Datasheet HTML 16Page - NXP Semiconductors SSW-106-02-G-S-RA Datasheet HTML 17Page - NXP Semiconductors SSW-106-02-G-S-RA Datasheet HTML 18Page - NXP Semiconductors SSW-106-02-G-S-RA Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
15 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
9.3 Input voltage dependency
9.4 EMC requirements
(1) LED current set at 250 mA nominal with a load of six LEDs in series (19.5 V).
Fig 13. Input voltage versus output current
Umains (V)
70
270
230
150
190
110
019aaa144
250
248
252
254
lout
(mA)
246
(1)
Fig 14. EMC measurements at a mains voltage of 120 V (AC)
NXP Semiconductors
1PK
MAXH
2 AV
CLRWR
SGL
6DB
9 kHz
30 MHz
dBV
dBV
MT
1 ms
RBW
9 kHz
PREAMP OFF
Att 10 dB
04.Dec 09 17:52
100 kHz
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
1
Marker 1 [T2 ]
48.64 dBV
9.000000000 kHz
FCC15AVQ
FCC15BVQ
019aaa145


Similar Part No. - SSW-106-02-G-S-RA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SSW-104-01-G-S MICROCHIP-SSW-104-01-G-S Datasheet
1Mb / 45P
   Evaluation Board (ADM00805) User?셲 Guide
11/07/16
logo
ATMEL Corporation
SSW-105-01-G-D ATMEL-SSW-105-01-G-D Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
Texas Instruments
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 60P
[Old version datasheet]   TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
More results

Similar Description - SSW-106-02-G-S-RA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1676 DIODES-AL1676 Datasheet
487Kb / 15P
   UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
STMicroelectronics
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
   15 W high power factor LED driver based on HVLED815PF
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
logo
Linkage Goston Electron...
SM7301 LINKAGE-SM7301 Datasheet
4Mb / 8P
   High power factor LED driver chip
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702_14 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
   High-Power Factor Flyback Converter for LED Driver with
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
logo
Linkage Goston Electron...
SM7352P LINKAGE-SM7352P Datasheet
1Mb / 7P
   HIgh-Power Factor LED Driver Control Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com