Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX384-B6V2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BZX384-B6V2
Description  SSL1523 high power factor 5 W LED driver for universal
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX384-B6V2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BZX384-B6V2 Datasheet HTML 3Page - NXP Semiconductors BZX384-B6V2 Datasheet HTML 4Page - NXP Semiconductors BZX384-B6V2 Datasheet HTML 5Page - NXP Semiconductors BZX384-B6V2 Datasheet HTML 6Page - NXP Semiconductors BZX384-B6V2 Datasheet HTML 7Page - NXP Semiconductors BZX384-B6V2 Datasheet HTML 8Page - NXP Semiconductors BZX384-B6V2 Datasheet HTML 9Page - NXP Semiconductors BZX384-B6V2 Datasheet HTML 10Page - NXP Semiconductors BZX384-B6V2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
7 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
6.
Board system optimization
To meet specific customer application requirements, the modifications described in the
following sections are possible.
6.1 Changing the output current and LED current
One of the major advantages of a flyback converter over other topologies, is its suitability
for driving LED configurations with a broad range of voltages. Essentially, changing the
winding ratio whilst maintaining the value of the primary inductance, will shift the output
working voltage accordingly. Part of the efficiency of the driver is linked to the output
voltage. A lower output voltage will require increased transformation ratio, and will cause
higher secondary losses. In practice, a mains operated flyback converter will have an
efficiency > 80 % for high output voltages (like 40 V) down to 50 % for very low output
voltages < 3 V. At low voltages, synchronous rectification becomes advisable to reduce
rectification losses.
The NXP TEA 1761/TEA1762 can be used for this purpose, see Ref. 1. For exact
calculations of transformer properties and peak current, refer to Ref. 2 application note
AN10754, “How to design an LED driver using the SSL2101”, see Ref. 2.
6.2 Changing the output ripple current
The output ripple current is mostly determined by the LED voltage, the LED dynamic
resistance and the output capacitor. The present value of C10 has been chosen to
optimize the capacitor size under typical load. The resulting ripple of
± 30 % will result in
an expected deterioration of light output < 1 %.
The size for the buffer capacitor (C10) can be estimated from Equation 1:
(1)
Using a series of LEDs, the dynamic resistance of each LED can be multiplied by the
number of LEDs. The current sense resistor (R10) should also be included in this
calculation.
Example: For a ripple current of ± 30 %, and a mains frequency of 50 Hz, and a total
dynamic resistance of 7
Ω, the resulting capacitance value will be 3.3333 / (314*7) =
1500
μF. The capacitor must be specified for the HF switching related ripple current of
about 0.35 times the average effective LED current (ILED(AV)). For high lifetime
applications, the ripple current specification of the electrolytic capacitor must be
increased. For details, please contact the capacitor supplier.
6.3 Changing the load curve
The current load curve can be divided into the following two regions:
Where the current control loop regulates the output current, the constant current
output
Where the IC limits the peak input current of the converter, the constant power output
C
10
I
ΔI
------
1
2
πf
net
R
dynamic
----------------------------------------
=


Similar Part No. - BZX384-B6V2

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX384-B6V2 GE-BZX384-B6V2 Datasheet
386Kb / 8P
   BZX384
logo
NXP Semiconductors
BZX384-B6V2 PHILIPS-BZX384-B6V2 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B6V2 NXP-BZX384-B6V2 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
logo
Nexperia B.V. All right...
BZX384-B6V2 NEXPERIA-BZX384-B6V2 Datasheet
320Kb / 14P
   Voltage regulator diodes
Rev. 4 - 1 January 2023
BZX384-B6V2-Q NEXPERIA-BZX384-B6V2-Q Datasheet
306Kb / 14P
   Voltage regulator diodes
Rev. 1 - 6 September 2021
More results

Similar Description - BZX384-B6V2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1676 DIODES-AL1676 Datasheet
487Kb / 15P
   UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
STMicroelectronics
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
   15 W high power factor LED driver based on HVLED815PF
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
logo
Linkage Goston Electron...
SM7301 LINKAGE-SM7301 Datasheet
4Mb / 8P
   High power factor LED driver chip
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702_14 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
   High-Power Factor Flyback Converter for LED Driver with
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
logo
Linkage Goston Electron...
SM7352P LINKAGE-SM7352P Datasheet
1Mb / 7P
   HIgh-Power Factor LED Driver Control Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com