Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7W00F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7W00F
Description  Dual 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7W00F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7W00F_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7W00F_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7W00F_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7W00F_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7W00F_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7W00F_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7W00F_09 Datasheet HTML 7Page - Toshiba Semiconductor TC7W00F_09 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7W00F/FU/FK
2009-08-04
4
AC Characteristics (CL= 15pF, VCC = 5V, Ta = 25°C)
Ta
= 25°C
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output Transition Time
tTLH
tTHL
4
8
ns
Propagation Delay Time
tpLH
tpHL
6
12
ns
AC Characteristics (CL= 50pF, Input: tr = tf = 6 ns)
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
25
75
95
4.5
7
15
19
Output Transition Time
tTLH
tTHL
6.0
6
13
16
ns
2.0
25
75
95
4.5
9
15
19
Propagation delay time
tpLH
tpHL
6.0
8
13
16
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation capacitance
CPD
(Note 1)
20
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/2


Similar Part No. - TC7W00F_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W00F TOSHIBA-TC7W00F_01 Datasheet
236Kb / 8P
   DUAL 2-INPUT NAND GATE
More results

Similar Description - TC7W00F_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com