Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7USB221WBG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC7USB221WBG
Description  Dual SPDT USB Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7USB221WBG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC7USB221WBG Datasheet HTML 3Page - Toshiba Semiconductor TC7USB221WBG Datasheet HTML 4Page - Toshiba Semiconductor TC7USB221WBG Datasheet HTML 5Page - Toshiba Semiconductor TC7USB221WBG Datasheet HTML 6Page - Toshiba Semiconductor TC7USB221WBG Datasheet HTML 7Page - Toshiba Semiconductor TC7USB221WBG Datasheet HTML 8Page - Toshiba Semiconductor TC7USB221WBG Datasheet HTML 9Page - Toshiba Semiconductor TC7USB221WBG Datasheet HTML 10Page - Toshiba Semiconductor TC7USB221WBG Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TC7USB221WBG
10
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Unit: mm
This resins used in this product include no flame retardants.
Weight: 0.0025 g (typ.)
Package Name(s)
TOSHIBA: S-UFBGA10-0202-0.40-001
Nickname: WCSP10B
2011-07-22
Rev.1.0


Similar Part No. - TC7USB221WBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7USB221FT TOSHIBA-TC7USB221FT Datasheet
226Kb / 12P
   Dual SPDT USB Switch
More results

Similar Description - TC7USB221WBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7USB221FT TOSHIBA-TC7USB221FT Datasheet
226Kb / 12P
   Dual SPDT USB Switch
logo
Mini-Circuits
USB-1SP2T-673 MINI-USB-1SP2T-673 Datasheet
908Kb / 10P
   USB RF SPDT Switch
Rev. OR
USB-4SP2T-63H MINI-USB-4SP2T-63H Datasheet
606Kb / 8P
   USB RF-SPDT Switch Matrix
USB-2SP2T-DCH MINI-USB-2SP2T-DCH Datasheet
794Kb / 8P
   USB RF-SPDT Switch Matrix
USB-3SPDT-A18 MINI-USB-3SPDT-A18 Datasheet
685Kb / 6P
   USB RF-SPDT Switch Matrix
USB-1SP16T-83H MINI-USB-1SP16T-83H Datasheet
678Kb / 10P
   USB RF-SPDT Switch Matrix
USB-1SPDT-A18 MINI-USB-1SPDT-A18 Datasheet
536Kb / 5P
   USB RF-SPDT Switch Matrix
USB-2SPDT-A18 MINI-USB-2SPDT-A18 Datasheet
621Kb / 6P
   USB RF-SPDT Switch Matrix
USB-8SPDT-A18 MINI-USB-8SPDT-A18 Datasheet
1Mb / 17P
   USB RF-SPDT Switch Matrix
logo
Analog Devices
ADG436 AD-ADG436_05 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com