Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB03N60S5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SPB03N60S5
Description  High Power Factor LED Replacement T8 Fluorescent Tube
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SPB03N60S5 Datasheet(HTML) 1 Page - Diodes Incorporated

  SPB03N60S5 Datasheet HTML 1Page - Diodes Incorporated SPB03N60S5 Datasheet HTML 2Page - Diodes Incorporated SPB03N60S5 Datasheet HTML 3Page - Diodes Incorporated SPB03N60S5 Datasheet HTML 4Page - Diodes Incorporated SPB03N60S5 Datasheet HTML 5Page - Diodes Incorporated SPB03N60S5 Datasheet HTML 6Page - Diodes Incorporated SPB03N60S5 Datasheet HTML 7Page - Diodes Incorporated SPB03N60S5 Datasheet HTML 8Page - Diodes Incorporated SPB03N60S5 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AN75
Issue 1 – January 2011
1
www.diodes.com
© Diodes Incorporated 2010
AN75
High Power Factor LED Replacement T8 Fluorescent Tube
using the AL9910 High Voltage LED Controller
Yong Ang, Diodes Inc.
Introduction
This application note describes the principles and design equations required for the design of a high
brightness LED lamp using the AL9910. The equations are then used to demonstrate the design of a
universal, offline, high power factor (PF), 13W LED lamp suitable for use as the replacement for T8
fluorescent tube. A complete design including the electrical diagram, component list and performance
measurements are provided.
AL9910 high power factor buck LED driver
Figure 1 Electrical schematic of a high power factor 13W LED lamp
Figure 1 shows the electrical diagram of an offline 13W LED driver.
On the input side, CX1, CX2, CX3, CX4, L1 and L2 provide sufficient filtering for both differential mode
and common mode EMI noise which are generated by the switching converter circuit.
The rectified AC line voltage from the bridge rectifier DB1 is then fed into a passive power factor
correction or valley fill circuit which consists of 3 diodes and 2 capacitors. D1, D2, D3, C1, C2 improve
the input line current distortion in order to achieve PF greater than 0.9 for the AC line input.
The constant current regulator section consists of a buck converter driven by the AL9910. Normally,
the buck regulator is used in fixed frequency mode but its duty cycle limitation of 50% is not practical
for offline lamp. This problem can be overcome by changing the control method to a fixed off-time
operation.
The design of the internal oscillator in the AL9910 allows the IC to be configured for either fixed
frequency or fixed off-time based on how resistor R
T is connected. For fixed off-time operation, the
resistor R
T is connected between the Gate and ROSC pins, as shown in Figure 1. This converter has
now a constant off-time when the power MOSFET is turned off. The on-time is based on the current


Similar Part No. - SPB03N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB03N60S5 INFINEON-SPB03N60S5 Datasheet
308Kb / 10P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPB03N60S5 INFINEON-SPB03N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2003-10-06
SPB03N60S5 INFINEON-SPB03N60S5 Datasheet
353Kb / 10P
   Cool MOS Power Transistor
Rev. 2.4 2007-02-14
logo
Diodes Incorporated
SPB03N60S5 DIODES-SPB03N60S5 Datasheet
227Kb / 8P
   AL9910EV4 Evaluation board connection diagram
SPB03N60S5 DIODES-SPB03N60S5 Datasheet
226Kb / 8P
   PWM high-efficiency LED driver control IC
More results

Similar Description - SPB03N60S5

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM7162AL HMSEMI-HM7162AL Datasheet
1Mb / 13P
   T5/T8 series LED fluorescent tube
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
   T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
   T8 LED tube
logo
P-tec Corporation
E68I P-TEC-E68I Datasheet
208Kb / 2P
   E68i T8 LED Tube
I38I P-TEC-I38I Datasheet
1,019Kb / 7P
   I38i T8 LED Tube
E48I P-TEC-E48I Datasheet
765Kb / 8P
   E48i T8 LED Tube
PLSO-T8AG5-WXXXX-60 P-TEC-PLSO-T8AG5-WXXXX-60 Datasheet
580Kb / 2P
   G5 IPS LED T8 TUBE
PLSO-T8AG4-WXXXX-60 P-TEC-PLSO-T8AG4-WXXXX-60 Datasheet
570Kb / 2P
   G4 IPS LED T8 TUBE
PLSO-T8AG33000-120 P-TEC-PLSO-T8AG33000-120 Datasheet
201Kb / 2P
   G3 Series LED T8 Tube
logo
OSRAM GmbH
QTP81X36 OSRAM-QTP81X36 Datasheet
52Kb / 2P
   QUICKTRONIC짰PROFESSIONAL T8 ECG for T8/26mm fluorescent lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com