Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3271GE Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA3271GE
Description  Fingerprint Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3271GE Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA3271GE Datasheet HTML 3Page - Sony Corporation CXA3271GE Datasheet HTML 4Page - Sony Corporation CXA3271GE Datasheet HTML 5Page - Sony Corporation CXA3271GE Datasheet HTML 6Page - Sony Corporation CXA3271GE Datasheet HTML 7Page - Sony Corporation CXA3271GE Datasheet HTML 8Page - Sony Corporation CXA3271GE Datasheet HTML 9Page - Sony Corporation CXA3271GE Datasheet HTML 10Page - Sony Corporation CXA3271GE Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
– 7 –
CXA3271GE
Electrical Characteristics Measurement Circuit
27
25
23
21
19
17
15
13
11
9
7
5
3
1
28
26
24
22
20
18
16
14
12
10
8
6
4
2
Digital input pin
Digital output pin
Analog output pin
AVDD
AOUT/O
VOS/O
VM/O
VCS_S/O
0.1
µF
0.1
µF
0.1
µF
DVSS
CSRO/O
ADCLK/O
C_CLK/I
HD/I
DI2/I
DI0/I
TEST2/I
AVSS
AVSS
VCS_O/O
VH/O
VL/O
DVDD
DVSS
RSRO/O
C_CK/O
CLK/I
XSP/I
DI1/I
MODE/I
TEST1/I
AVDD
1.0
µF
Vcc
3.3V
1.0
µF
0.1
µF
30pF or more is added to each pin.
S1


Similar Part No. - CXA3271GE

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3272R SONY-CXA3272R Datasheet
98Kb / 2P
   CXA3272R
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
   PLL/OSC/MIX IC for Digital Tuner
CXA3276Q SONY-CXA3276Q Datasheet
312Kb / 22P
   8-bit 160MSPS Flash A/D Converter
More results

Similar Description - CXA3271GE

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
logo
Mantra Softech India Pv...
MFS100 MANTRA-MFS100 Datasheet
506Kb / 2P
   OPTICAL FINGERPRINT SENSOR
logo
Mitsumi Electronics, Co...
SEF-A1F1 MITSUMI-SEF-A1F1 Datasheet
61Kb / 2P
   Solid Optical Fingerprint Sensor
logo
Fujitsu Component Limit...
MBF110 FUJITSU-MBF110 Datasheet
240Kb / 24P
   Solid-State Fingerprint Sensor
logo
ATMEL Corporation
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Mantra Softech India Pv...
MARC10 MANTRA-MARC10 Datasheet
1Mb / 3P
   Slick Capacitive Fingerprint Scanner
MFS110 MANTRA-MFS110 Datasheet
345Kb / 3P
   L1 Fingerprint Scanner
logo
Hangzhou Grow Technolog...
R307 GROW-R307 Datasheet
604Kb / 24P
   Fingerprint Module User Manual
Feb 2011 Ver: 1.20
logo
Mantra Softech India Pv...
MAPRO-OX MANTRA-MAPRO-OX Datasheet
476Kb / 2P
   Slick Fingerprint Scanner
MFS500 MANTRA-MFS500 Datasheet
320Kb / 2P
   Optical Fingerprint Scanner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com