Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3268AR Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA3268AR
Description  Driver/Timing Generator for Color LCD Panels
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3268AR Datasheet(HTML) 1 Page - Sony Corporation

  CXA3268AR Datasheet HTML 1Page - Sony Corporation CXA3268AR Datasheet HTML 2Page - Sony Corporation CXA3268AR Datasheet HTML 3Page - Sony Corporation CXA3268AR Datasheet HTML 4Page - Sony Corporation CXA3268AR Datasheet HTML 5Page - Sony Corporation CXA3268AR Datasheet HTML 6Page - Sony Corporation CXA3268AR Datasheet HTML 7Page - Sony Corporation CXA3268AR Datasheet HTML 8Page - Sony Corporation CXA3268AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
CXA3268AR
Driver/Timing Generator for Color LCD Panels
Description
The CXA3268AR is an IC designed to drive the color
LCD panels ACX300, ACX301, ACX302 and ACX703.
This IC greatly reduces the number of peripheral
circuits and parts by incorporating a RGB driver and
timing generator for video signals onto a single chip.
This chip has a built-in serial interface circuit and
electronic attenuators which allow various settings to
be performed by microcomputer control, etc.
Features
• Color LCD panel ACX300, ACX301, ACX302 and
ACX703 driver
• Supports NTSC and PAL systems
• Supports 16:9 wide display (letter box and pulse
elimination display)
• Supports Y/color difference and RGB inputs
• Supports OSD input (digital input)
• Power saving function
• Serial interface circuit
• Electronic attenuators (D/A converter)
• Trap and LPF (f0, fc variable)
• COMMON and PSIG output circuits
• Sharpness function
• 2-point
γ correction circuit
• R, G, B signal delay time adjustment circuit
• D/A output pin (0 to 3V, 8 level output)
• Output polarity inversion circuit
• Supports AC drive for LCD panel during no signal
Applications
Compact LCD monitors, etc.
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC16
V
VCC215
V
VCC315
V
VDD
5.5
V
• Analog input pin voltage
VINA (Pins 57, 58 and 59)
GND – 0.3 to VCC1 + 0.3 V
VINA (Pins 3, 69)
VCC1V
VINA (Pin 30)
1.5 to VCC2 – 4
V
VINA (Pin 71)
0.9
Vp-p
VINA (Pins 70, 72)
0.8
Vp-p
• Digital input pin voltage
VIND (other than Pins 5, 10, 14, 15 and 16)
VSS – 0.3 to VDD + 0.3 V
VIND (Pins 5, 10)
VSS – 0.3 to +5.5
V
• Common input pin voltage
VINAD (Pins 14, 15 and 16)
GND, VSS – 0.3 to +5.5 V
• Operating temperature
Topr
–15 to +75
°C
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD (Ta
≤ 25°C)
737
mW
Operating conditions
• Supply voltage
VCC1 – GND1
2.7 to 3.6
V
VCC2 – GND2
11.0 to 14.0
V
VCC3 – GND3
11.0 to 14.0
V
VDD – Vss
2.7 to 3.6
V
• Input voltage
SIG.C voltage
VSIG.C
5.0 to 6.5
V
RGB input signal voltage (Pins 70, 71 and 72)∗1
VRGB
0 to 0.7 (0.5 typ.)
Vp-p
Y input signal voltage (Pin 71)∗2
VY
0 to 0.5 (0.35 typ.)
Vp-p
R-Y input voltage (Pin 72)∗2
VR-Y
0 to 0.49 (0.245 typ.) Vp-p
B-Y input voltage (Pin 70)∗2
VB-Y
0 to 0.622 (0.311 typ.) Vp-p
1 During RGB input
2 During Y/color difference input
– 1 –
E99529B98-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
72 pin LQFP (Plastic)


Similar Part No. - CXA3268AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3266Q SONY-CXA3266Q Datasheet
765Kb / 60P
   PLL IC for LCD Monitor/Projector
More results

Similar Description - CXA3268AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com